Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY18106-455LF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY18106-455LF
Description  0.4 to 2.2 GHz SP8T Antenna Switch with GSM Transmit Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY18106-455LF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY18106-455LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY18106-455LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY18106-455LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY18106-455LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY18106-455LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY18106-455LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY18106-455LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY18106-455LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY18106-455LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DATA SHEET • SKY18106-455LF: SP8T ANTENNA SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
June 16, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201162P
Table 3. SKY18106-455LF Electrical Specifications (Note 1) (1 of 2)
(VDD = 2.75 V, TOP = +25
C, SPI_VDD = 1.8 V, All Ports Terminated With a 50 Ω Load, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Insertion loss, 2G
2G_TX_LB, 824 to 915 MHz
2G_TX_HB, 1710 to 1910 MHz
0.75
0.90
0.85
1.00
dB
dB
Insertion loss, 2G
TOP = +85 °C
2G_TX_LB, 824 to 915 MHz
2G_TX_HB, 1710 to 1910 MHz
0.85
1.00
0.95
1.10
dB
dB
Insertion loss, TRX arms (Band 1)
1920 to 2170 MHz
0.75
0.85
dB
Insertion loss, TRX arms (Band 1)
TOP = +85 °C
1920 to 2170 MHz
0.85
0.95
dB
Insertion loss, TRX arms (Bands 2 and 3)
1710 to 1990 MHz
0.7
0.8
dB
Insertion loss, TRX arms (Bands 2 and 3)
TOP = +85 °C
1710 to 1990 MHz
0.8
0.9
dB
Insertion loss, TRX arms (Bands 5 and 8)
824 to 960 MHz
0.50
0.65
dB
Insertion loss, TRX arms (Bands 5 and 8)
TOP = +85 °C
824 to 960 MHz
0.60
0.75
dB
Isolation
2G_TX_LB to ANT,
824 to 915 MHz
2G_TX_HB to ANT,
1710 to 1910 MHz
2G_TX_HB/2G_TX_LB to any
TRX port
25
30
25
28
35
30
dB
dB
dB
Isolation, ANT to all “off” TRX ports
@ 2170 MHz
20
25
dB
Isolation, TRX to all “off” TRX ports
@ 2170 MHz
20
23
dB
Return loss
ANT port
15
20
dB
Harmonics
2fo and 3fo
2G_TX_LB to ANT, +35 dBm
2G_TX_LB to ANT, +35 dBm,
ANT VSWR = 4:1
2G_TX_HB to ANT, +33 dBm
2G_TX_HB to ANT, +33 dBm,
ANT VSWR = 4:1
3G TRX ports to ANT, +26 dBm
3G TRX ports to ANT, +26 dBm,
ANT VSWR = 4:1
–46
–36
–46
–36
–55
–50
–42
–33
–42
–33
–50
–45
dBm
dBm
dBm
dBm
dBm
dBm
Third order intermodulation distortion,
all TRX ports to ANT port
IMD3
All blockers, all phase angles,
transmit power = +15 dBm,
blocker power = –20 dBm
–102
–97
dBm


Similar Part No. - SKY18106-455LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY12143-315 SKYWORKS-SKY12143-315 Datasheet
118Kb / 5P
   HIP3??Variable Attenuator for AMPS and GSM Base Stations
SKY12144-315 SKYWORKS-SKY12144-315 Datasheet
119Kb / 5P
   HIP3??Variable Attenuator for DCS and PCS Base Stations
SKY12145-315 SKYWORKS-SKY12145-315 Datasheet
114Kb / 4P
   HIP3??Variable Attenuator for UMTS Base Stations
SKY12146-321 SKYWORKS-SKY12146-321 Datasheet
87Kb / 3P
   GaAs IC 25 dB Voltage Variable Attenuator 2.7-4.0 GHz
SKY12146-321 SKYWORKS-SKY12146-321 Datasheet
233Kb / 4P
   GaAs IC 25 dB Voltage Variable Attenuator 2.7-4 GHz
More results

Similar Description - SKY18106-455LF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1228XR SONY-CXG1228XR Datasheet
190Kb / 8P
   SP8T Antenna Switch for GSM/UMTS
CXG1198AEQ SONY-CXG1198AEQ Datasheet
143Kb / 11P
   SP8T GSM/UMTS Dual Mode Antenna Switch
logo
Skyworks Solutions Inc.
SKY13418-485LF SKYWORKS-SKY13418-485LF Datasheet
448Kb / 13P
   0.1 to 3.8 GHz SP8T Antenna Switch
SKYA21054 SKYWORKS-SKYA21054 Datasheet
681Kb / 18P
   Automotive 0.4 to 2.7 GHz SP8T MIPI Diversity Switch
logo
Sony Corporation
CXM3539XR SONY-CXM3539XR Datasheet
253Kb / 12P
   SP8T Antenna Switch for GSM/UMTS Dual Mode Handsets
logo
Skyworks Solutions Inc.
SKY13525-646LF SKYWORKS-SKY13525-646LF Datasheet
686Kb / 17P
   0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
SKY13526-485LF SKYWORKS-SKY13526-485LF Datasheet
720Kb / 17P
   0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
logo
Infineon Technologies A...
BGS18GA14 INFINEON-BGS18GA14 Datasheet
713Kb / 13P
   SP8T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-29
logo
Will Semiconductor Ltd.
WS7808QC WILLSEMI-WS7808QC Datasheet
307Kb / 6P
   0.1GHz ??3GHz SP8T Antenna Switch
WS7808Q WILLSEMI-WS7808Q Datasheet
1Mb / 6P
   0.1GHz ??3GHz SP8T Antenna Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com