Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488A Datasheet(PDF) 27 Page - Analog Devices

Part # ADIS16488A
Description  Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488A Datasheet(HTML) 27 Page - Analog Devices

Back Button ADIS16488A Datasheet HTML 23Page - Analog Devices ADIS16488A Datasheet HTML 24Page - Analog Devices ADIS16488A Datasheet HTML 25Page - Analog Devices ADIS16488A Datasheet HTML 26Page - Analog Devices ADIS16488A Datasheet HTML 27Page - Analog Devices ADIS16488A Datasheet HTML 28Page - Analog Devices ADIS16488A Datasheet HTML 29Page - Analog Devices ADIS16488A Datasheet HTML 30Page - Analog Devices ADIS16488A Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
ADIS16488A
Rev. C | Page 27 of 35
BAROMETERS
The BR_BIAS_HIGHregister(seeTable99)andBR_BIAS_LOW
register (Table 100)provide an offset control function and use
the same format as the outputregisters,BAROM_OUTand
BAROM_LOW.
Table 99. BR_BIAS_HIGH (Page 2, Base Address = 0x42)
Bits
Description (Default = 0x0000)
[15:0]
Barometric pressure bias correction factor, high word,
twos complement, ±1.3 bar measurement range,
0 bar = 0x0000, 1 LSB = 40 µbar
Table 100. BR_BIAS_LOW(Page2, Base Address = 0x40)
Bits
Description (Default = 0x0000)
[15:0]
Barometric pressure bias correction factor, low word,
twos complement, ±1.3 bar measurement range,
0 bar = 0x0000, 1 LSB = 40 µbar ÷ 216 = ~0.00061 µbar
RESTORING FACTORY CALIBRATION
Turn to Page 3 (DIN = 0x8003) and set GLOB_CMD[6]= 1
(DIN = 0x8240, DIN=0x8300)toexecutethefactorycalibration
restorefunction.Thisfunctionresets eachusercalibration register
to 0, resets all sensor data to 0, and automatically updatesthe
flash memory within 72 ms. SeeTable115 for moreinformation
on GLOB_CMD.
POINT OF PERCUSSIONALIGNMENT
CONFIG[6]offersa pointofpercussion alignment function
that mapstheaccelerometer sensorstothecorner of the package
identified in Figure 24. To activate this feature, turn to Page3
(DIN = 0x8003), then set CONFIG[6]= 1 (DIN = 0x8A40,
DIN = 0x8B00). See Table 75 for more information on the
CONFIG register.
PIN 1
PIN 23
POINT OF PERCUSSION
ALIGNMENT REFERENCE POINT.
SEE CONFIG[6].
Figure 24. Point of Percussion Reference Point


Similar Part No. - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
   Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
   Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
   Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com