Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488A Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16488A
Description  Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488A Datasheet(HTML) 3 Page - Analog Devices

  ADIS16488A Datasheet HTML 1Page - Analog Devices ADIS16488A Datasheet HTML 2Page - Analog Devices ADIS16488A Datasheet HTML 3Page - Analog Devices ADIS16488A Datasheet HTML 4Page - Analog Devices ADIS16488A Datasheet HTML 5Page - Analog Devices ADIS16488A Datasheet HTML 6Page - Analog Devices ADIS16488A Datasheet HTML 7Page - Analog Devices ADIS16488A Datasheet HTML 8Page - Analog Devices ADIS16488A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
ADIS16488A
Rev. C | Page 3 of 35
SPECIFICATIONS
TC = 25°C, VDD = 3.3 V, angular rate = 0°/sec, dynamicrange = ±450°/sec± 1 g, 300 mbar to 1100 mbar, unless otherwisenoted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GYROSCOPES
Dynamic Range
±450
±480
°/sec
Sensitivity
x_GYRO_OUT and x_GYRO_LOW (32-bit)
3.052 × 10−7
°/sec/LSB
Repeatability1
−40°C ≤ TC ≤ +85°C
±1
%
Sensitivity Temperature Coefficient
−40°C ≤ TC ≤ +85°C, 1 σ
±35
ppm/°C
Misalignment
Axis to axis
±0.05
Degrees
Axis to frame (package)
±1.0
Degrees
Nonlinearity
Best fit straight line, FS = 450°/sec
0.01
% of FS
Bias Repeatability1, 2
−40°C ≤ TC ≤ +85°C, 1 σ
±0.2
°/sec
In-Run Bias Stability
1 σ
5.1
°/hr
Angular Random Walk
1 σ
0.26
°/√hr
Bias Temperature Coefficient
−40°C ≤ TC ≤ +85°C, 1 σ
±0.0025
°/sec/°C
Linear Acceleration Effect on Bias
Any axis, 1 σ (CONFIG[7] = 1)
0.009
°/sec/g
Output Noise
No filtering
0.135
°/sec rms
Rate Noise Density
f = 10 Hz to 40 Hz, no filtering
0.0059
°/sec/√Hz rms
3 dB Bandwidth
330
Hz
Sensor Resonant Frequency
18
kHz
ACCELEROMETERS
Each axis
Dynamic Range
±18
g
Sensitivity
x_ACCL_OUT and x_ACCL_LOW (32-bit)
1.221 × 10−8
g/LSB
Repeatability1
−40°C ≤ TC ≤ +85°C
±0.5
%
Sensitivity Temperature Coefficient
−40°C ≤ TC ≤ +85°C, 1 σ
±25
ppm/°C
Misalignment
Axis to axis
±0.035
Degrees
Axis to frame (package)
±1.0
Degrees
Nonlinearity
Best fit straight line, ±10 g
0.1
% of FS
Best fit straight line, ±18 g
0.5
% of FS
Bias Repeatability1,2
−40°C ≤ TC ≤ +85°C, 1 σ
±16
mg
In-Run Bias Stability
1 σ
0.07
mg
Velocity Random Walk
1 σ
0.029
m/sec/√hr
Bias Temperature Coefficient
−40°C ≤ TC ≤ +85°C
±0.1
mg/°C
Output Noise
No filtering
1.29
mg rms
Noise Density
f = 10 Hz to 40 Hz, no filtering
0.063
mg/√Hz rms
3 dB Bandwidth
330
Hz
Sensor Resonant Frequency
5.5
kHz
MAGNETOMETER
Dynamic Range
±2.5
gauss
Sensitivity
0.1
mgauss/LSB
Initial Sensitivity Tolerance
±2
%
Sensitivity Temperature Coefficient
ADIS16488BMLZ, −40°C ≤ TC ≤ +85°C, 1 σ
275
ppm/°C
ADIS16488CMLZ, −40°C ≤ TC ≤ +85°C, 1 σ
60
ppm/°C
Misalignment
Axis to axis
0.35
Degrees
Axis to frame (package)
1.0
Degrees
Nonlinearity
Best fit straight line
0.5
% of FS
Initial Bias Error
0 gauss stimulus
±15
mgauss
Bias Temperature Coefficient
ADIS16488BMLZ, −40°C ≤ TC ≤ +85°C, 1 σ
0.3
mgauss/°C
ADIS16488CMLZ, −40°C ≤ TC ≤ +85°C, 1 σ
0.03
mgauss/°C
Output Noise
No filtering
0.22
mgauss rms
Noise Density
f = 2 Hz to 5 Hz, no filtering
0.042
mgauss/√Hz
3 dB Bandwidth
330
Hz
BAROMETER
Pressure Range
300
1100
mbar
Extended
10
1200
mbar


Similar Part No. - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
   Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
   Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
   Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com