Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR3512 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR3512
Description  Micropower, High Accuracy Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3512 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR3512 Datasheet HTML 6Page - Analog Devices ADR3512 Datasheet HTML 7Page - Analog Devices ADR3512 Datasheet HTML 8Page - Analog Devices ADR3512 Datasheet HTML 9Page - Analog Devices ADR3512 Datasheet HTML 10Page - Analog Devices ADR3512 Datasheet HTML 11Page - Analog Devices ADR3512 Datasheet HTML 12Page - Analog Devices ADR3512 Datasheet HTML 13Page - Analog Devices ADR3512 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADR3512
Data Sheet
Rev. E | Page 10 of 16
1
2
CIN = CL = 0.1µF
VIN = 5V
RL = 1kΩ
VOUT = 2V/DIV
ENABLE
2V/DIV
TIME = 200µs/DIV
Figure 27. ADR3550 Shutdown Response
1
2
CIN = CL = 0.1µF
VOUT = 5mV/DIV
VIN = 100mV/DIV
5.5V
5.2V
TIME = 1ms/DIV
Figure 28. ADR3550 Line Transient Response
CIN = 0.1µF
CL = 0.1µF
RL = 500Ω
VOUT = 20mV/DIV
SINKING
SINKING
–3mA
5.0V
+10mA
SOURCING
IL
TIME = 1ms/DIV
Figure 29. ADR3550 Load Transient Response
0
10
20
30
40
50
60
70
80
90
100
–40 –25
–10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VIN = 5.5 V
Figure 30. Supply Current vs. Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1020
30405060708090
100
ENABLE VOLTAGE (% of VIN)
–40°C
+25°C
+125°C
Figure 31. Supply Current vs. ENABLE Pin Voltage
0.01
0.1
1
10
0.01
0.1
1
10
100
1k
10k
FREQUENCY (Hz)
CL = 0.1µF
CL = 1.1µF
Figure 32. ADR3550 Output Impedance vs. Frequency


Similar Part No. - ADR3512

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3525 AD-ADR3525 Datasheet
862Kb / 20P
   Micropower, High Accuracy
REV. 0
ADR3525W AD-ADR3525W Datasheet
862Kb / 20P
   Micropower, High Accuracy
REV. 0
ADR3525WARMZ-R7 AD-ADR3525WARMZ-R7 Datasheet
862Kb / 20P
   Micropower, High Accuracy
REV. 0
ADR3525WBRMZ-R7 AD-ADR3525WBRMZ-R7 Datasheet
862Kb / 20P
   Micropower, High Accuracy
REV. 0
ADR3530 AD-ADR3530 Datasheet
862Kb / 20P
   Micropower, High Accuracy
REV. 0
More results

Similar Description - ADR3512

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
ADR3425 AD-ADR3425 Datasheet
1Mb / 20P
   Micropower, High Accuracy Voltage References
Rev. 0
ADR3525 AD-ADR3525 Datasheet
862Kb / 20P
   Micropower, High Accuracy
REV. 0
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com