Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM130E0BRZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADuM130E0BRZ
Description  3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM130E0BRZ Datasheet(HTML) 3 Page - Analog Devices

  ADuM130E0BRZ Datasheet HTML 1Page - Analog Devices ADuM130E0BRZ Datasheet HTML 2Page - Analog Devices ADuM130E0BRZ Datasheet HTML 3Page - Analog Devices ADuM130E0BRZ Datasheet HTML 4Page - Analog Devices ADuM130E0BRZ Datasheet HTML 5Page - Analog Devices ADuM130E0BRZ Datasheet HTML 6Page - Analog Devices ADuM130E0BRZ Datasheet HTML 7Page - Analog Devices ADuM130E0BRZ Datasheet HTML 8Page - Analog Devices ADuM130E0BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
ADuM130D/ADuM130E/ADuM131D/ADuM131E
Rev. A | Page 3 of 22
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 5 V. Minimum/maximum specifications apply over the entire recommended
operation range of 4.5 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted. Supply currents are specified with 50% duty cycle signals.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Pulse Width
PW
6.6
ns
Within pulse width distortion (PWD) limit
Data Rate1
150
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
4.8
7.2
13
ns
50% input to 50% output
Pulse Width Distortion
PWD
0.5
3
ns
|tPLH − tPHL|
Change vs. Temperature
1.5
ps/°C
Propagation Delay Skew
tPSK
6.1
ns
Between any two devices at the same
temperature, voltage, and load
Channel Matching
Codirectional
tPSKCD
0.5
3.0
ns
Opposing Direction
tPSKOD
0.5
3.0
ns
Jitter
630
ps p-p
See the Jitter Measurement section
80
ps rms
See the Jitter Measurement section
DC SPECIFICATIONS
Input Threshold
Logic High
VIH
0.7 × VDDx
V
Logic Low
VIL
0.3 × VDDx
V
Output Voltage
Logic High
VOH
VDDx − 0.1
VDDx
V
IOx2 = −20 µA, VIx = VIxH3
VDDx − 0.4
VDDx
0.2
V
IOx2 = −4 mA, VIx = VIxH3
Logic Low
VOL
0.0
0.1
V
IOx2 = 20 µA, VIx = VIxL4
0.2
0.4
V
IOx2 = 4 mA, VIx = VIxL4
Input Current per Channel
II
−10
+0.01
+10
µA
0 V ≤ VIx ≤ VDDx
VE2 Enable Input Pull-Up Current
IPU
−10
−3
µA
VE2 = 0 V
DISABLE1 Input Pull-Down Current
IPD
9
15
µA
DISABLE1 = VDDx
Tristate Output Current per Channel
IOZ
−10
+0.01
+10
µA
0 V ≤ VOx ≤ VDDx
Quiescent Supply Current
ADuM130D/ADuM130E
IDD1 (Q)
1.35
2.6
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD2 (Q)
1.73
2.9
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD1 (Q)
9.7
15.2
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
IDD2 (Q)
1.87
3.0
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
ADuM131D/ADuM131E
IDD1 (Q)
1.62
2.7
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD2 (Q)
1.61
2.8
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD1 (Q)
7.4
11.4
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
IDD2 (Q)
5.34
7.2
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
Dynamic Supply Current
Dynamic Input
IDDI (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle
Dynamic Output
IDDO (D)
0.02
mA/Mbps
Inputs switching, 50% duty cycle
Undervoltage Lockout
UVLO
Positive VDDx Threshold
VDDxUV+
1.6
V
Negative VDDx Threshold
VDDxUV−
1.5
V
VDDx Hysteresis
VDDxUVH
0.1
V


Similar Part No. - ADuM130E0BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1300 AD-ADUM1300 Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1300 AD-ADUM1300 Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
ADUM1300ARW AD-ADUM1300ARW Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADuM1300ARW AD-ADuM1300ARW Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
More results

Similar Description - ADuM130E0BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
   5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com