Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM130D0BRWZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADuM130D0BRWZ
Description  3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM130D0BRWZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADuM130D0BRWZ Datasheet HTML 7Page - Analog Devices ADuM130D0BRWZ Datasheet HTML 8Page - Analog Devices ADuM130D0BRWZ Datasheet HTML 9Page - Analog Devices ADuM130D0BRWZ Datasheet HTML 10Page - Analog Devices ADuM130D0BRWZ Datasheet HTML 11Page - Analog Devices ADuM130D0BRWZ Datasheet HTML 12Page - Analog Devices ADuM130D0BRWZ Datasheet HTML 13Page - Analog Devices ADuM130D0BRWZ Datasheet HTML 14Page - Analog Devices ADuM130D0BRWZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
ADuM130D/ADuM130E/ADuM131D/ADuM131E
Rev. A | Page 11 of 22
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS
These isolators are suitable for reinforced electrical isolation only within the safety limit data. Protective circuits ensure the maintenance
of the safety data. The * marking on packages denotes DIN V VDE V 0884-10 approval.
Table 14. R-16 Narrow Body [SOIC_N] Package
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to IV
For Rated Mains Voltage ≤ 600 V rms
I to III
Climatic Classification
40/125/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
565
V peak
Input to Output Test Voltage, Method B1
VIORM × 1.875 = Vpd (m), 100% production test,
tini = tm = 1 sec, partial discharge < 5 pC
Vpd (m)
1059
V peak
Input to Output Test Voltage, Method A
Vpd (m)
After Environmental Tests Subgroup 1
VIORM × 1.5 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
848
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
678
V peak
Highest Allowable Overvoltage
VIOTM
4200
V peak
Surge Isolation Voltage Basic
V peak = 10 kV, 1.2 µs rise time, 50 µs,
50% fall time
VIOSM
10000
V peak
Surge Isolation Voltage Reinforced
V peak = 10 kV, 1.2 µs rise time, 50 µs,
50% fall time
VIOSM
6000
V peak
Safety Limiting Values
Maximum value allowed in the event of a failure
(see Figure 5)
Maximum Junction Temperature
TS
150
°C
Total Power Dissipation at 25°C
PS
1.64
W
Insulation Resistance at TS
VIO = 500 V
RS
>109


Similar Part No. - ADuM130D0BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1300 AD-ADUM1300 Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1300 AD-ADUM1300 Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
ADUM1300ARW AD-ADUM1300ARW Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADuM1300ARW AD-ADuM1300ARW Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
More results

Similar Description - ADuM130D0BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
   5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com