Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM1241ARSZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADuM1241ARSZ
Description  Micropower, Dual-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1241ARSZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADuM1241ARSZ Datasheet HTML 2Page - Analog Devices ADuM1241ARSZ Datasheet HTML 3Page - Analog Devices ADuM1241ARSZ Datasheet HTML 4Page - Analog Devices ADuM1241ARSZ Datasheet HTML 5Page - Analog Devices ADuM1241ARSZ Datasheet HTML 6Page - Analog Devices ADuM1241ARSZ Datasheet HTML 7Page - Analog Devices ADuM1241ARSZ Datasheet HTML 8Page - Analog Devices ADuM1241ARSZ Datasheet HTML 9Page - Analog Devices ADuM1241ARSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADuM1240/ADuM1241/ADuM1245/ADuM1246
Data Sheet
ELECTRICAL CHARACTERISTICS—VDD1 = 3.3 V, VDD2 = 2.5 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = 3.3 V, and VDD2 = 2.5 V. Minimum and maximum specifications apply over the entire
recommended operation range of 3.0 V ≤ VDD1 ≤ 3.6 V, 2.25 V ≤ VDD2 ≤ 2.75 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted.
Switching specifications are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
For dc specifications and ac specifications, see Table 3 for parameters related to Side 1 operation, and see Table 6 for parameters related to
Side 2 operation.
Table 7.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Data Rate
2
Mbps
Within PWD limit
Propagation Delay
Side 1 to Side 2
tPHL, tPLH
84
180
ns
50% input to 50% output
Side 2 to Side 1
tPHL, tPLH
120
180
ns
50% input to 50% output
Change vs. Temperature
280
ps/°C
Pulse Width Distortion
PWD
12
ns
|tPLH − tPHL|
Pulse Width
PW
500
ns
Within PWD limit
Propagation Delay Skew1
tPSK
10
ns
Channel Matching
Codirectional
tPSKCD
10
ns
Opposing Direction
tPSKOD
60
ns
1 tPSK is the magnitude of the worst case difference in tPHL or tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the
recommended operating conditions.
Table 8.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
2 Mbps, no load
ADuM1240/ADuM1245
IDD1
366
500
µA
IDD2
168
375
µA
ADuM1241/ADuM1246
IDD1
306
400
µA
IDD2
240
375
µA
ELECTRICAL CHARACTERISTICS—VDD1 = 2.5 V, VDD2 = 3.3 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = 2.5 V, and VDD2 = 3.3 V.Minimum and maximum specifications apply over the entire
recommended operation range of 2.25 V ≤ VDD1 ≤ 2.75 V, 3.0 V ≤ VDD2 ≤ 3.6 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted.
Switching specifications are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
For dc specifications and ac specifications, see Table 6 for parameters related to Side 1 operation, and see Table 3 for parameters related to
Side 2 operation.
Table 9.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Data Rate
2
Mbps
Within PWD limit
Propagation Delay
Side 1 to Side 2
tPHL, tPLH
120
180
ns
50% input to 50% output
Side 2 to Side 1
tPHL, tPLH
84
180
ns
50% input to 50% output
Change vs. Temperature
200
ps/°C
Pulse Width Distortion
PWD
12
ns
|tPLH − tPHL|
Pulse Width
PW
500
ns
Within PWD limit
Propagation Delay Skew1
tPSK
10
ns
Channel Matching
Codirectional
tPSKCD
10
ns
Opposing Direction
tPSKOD
60
ns
1 tPSK is the magnitude of the worst case difference in tPHL or tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the
recommended operating conditions.
Rev. A | Page 6 of 24


Similar Part No. - ADuM1241ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1241ARSZ AD-ADUM1241ARSZ Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
ADUM1241ARSZ-RL7 AD-ADUM1241ARSZ-RL7 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
More results

Similar Description - ADuM1241ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
ADUM1440 AD-ADUM1440 Datasheet
440Kb / 24P
   Micropower Quad-Channel Digital Isolators
REV. 0
ADUM1440 AD-ADUM1440_V01 Datasheet
465Kb / 25P
   Micropower Quad-Channel Digital Isolators
Rev. E
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com