Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM225N1BRIZ-RL Datasheet(PDF) 7 Page - Analog Devices

Part # ADuM225N1BRIZ-RL
Description  5.0 kV RMS Dual Channel Digital Isolators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM225N1BRIZ-RL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuM225N1BRIZ-RL Datasheet HTML 3Page - Analog Devices ADuM225N1BRIZ-RL Datasheet HTML 4Page - Analog Devices ADuM225N1BRIZ-RL Datasheet HTML 5Page - Analog Devices ADuM225N1BRIZ-RL Datasheet HTML 6Page - Analog Devices ADuM225N1BRIZ-RL Datasheet HTML 7Page - Analog Devices ADuM225N1BRIZ-RL Datasheet HTML 8Page - Analog Devices ADuM225N1BRIZ-RL Datasheet HTML 9Page - Analog Devices ADuM225N1BRIZ-RL Datasheet HTML 10Page - Analog Devices ADuM225N1BRIZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
ADuM220N/ADuM221N/ADuM225N/ADuM226N
Rev. 0 | Page 7 of 23
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient
Immunity6
|CMH|
75
100
kV/µs
VIx = VDDx, VCM = 1000 V, transient
magnitude = 800 V
|CML|
75
100
kV/µs
VIx = 0 V, VCM = 1000 V, transient
magnitude = 800 V
1
IOx is the Channel x output current, where x is A or B.
2
VIxH is the input side logic high.
3
VIxL is the input side logic low.
4
VI is the voltage input.
5
N0 refers to the ADuM220N0/ADuM221N0/ADuM225N0/ADuM226N0 models, and N1 refers to the ADuM220N1/ADuM221N1/ADuM225N1/ADuM226N1 models. See
the Ordering Guide section.
6
|CMH| is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDDx. |CML| is the maximum common-mode voltage slew rate
that can be sustained while maintaining VO > 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges.
Table 6. Total Supply Current vs. Data Throughput
1 Mbps
25 Mbps
100 Mbps
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SUPPLY CURRENT
ADuM220N/ADuM225N
Supply Current Side 1
IDD1
3.5
6.2
3.9
6.6
5.4
9.0
mA
Supply Current Side 2
IDD2
1.3
1.9
1.9
2.8
3.6
5.8
mA
ADuM221N/ADuM226N
Supply Current Side 1
IDD1
2.4
4.7
2.9
5.5
4.5
8.0
mA
Supply Current Side 2
IDD2
2.9
4.9
3.3
5.7
4.9
7.7
mA
ELECTRICAL CHARACTERISTICS—1.8 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 1.8 V. Minimum/maximum specifications apply over the entire recommended
operation range: 1.7 V ≤ VDD1 ≤ 1.9 V, 1.7 V ≤ VDD2 ≤ 1.9 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted. Supply currents are specified with 50% duty cycle signals.
Table 7.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Pulse Width
PW
6.6
ns
Within PWD limit
Data Rate
150
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
5.8
8.7
15
ns
50% input to 50% output
Pulse Width Distortion
PWD
0.7
3
ns
|tPLH − tPHL|
Change vs. Temperature
1.5
ps/°C
Propagation Delay Skew
tPSK
7.0
ns
Between any two units at the same
temperature, voltage, and load
Channel Matching
Codirectional
tPSKCD
0.7
3.0
ns
Opposing Direction
tPSKOD
0.7
3.0
ns
Jitter
630
ps p-p
See the Jitter Measurement section
190
ps rms
See the Jitter Measurement section
DC SPECIFICATIONS
Input Threshold
Logic High
VIH
0.7 × VDDx
V
Logic Low
VIL
0.3 × VDDx
V
Output Voltage
Logic High
VOH
VDDx − 0.1
VDDx
V
IOx1 = −20 µA, VIx = VIxH2
VDDx − 0.4
VDDx − 0.2
V
IOx1 = −2 mA, VIx = VIxH2
Logic Low
VOL
0.0
0.1
V
IOx1 = 20 µA, VIx = VIxL3
0.2
0.4
V
IOx1 = 2 mA, VIx = VIxL3
Input Current per Channel
II
−10
+0.01
+10
µA
0 V ≤ VIx ≤ VDDx


Similar Part No. - ADuM225N1BRIZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM225N1BRIZ-RL AD-ADUM225N1BRIZ-RL Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
More results

Similar Description - ADuM225N1BRIZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com