Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT3904 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # PZT3904
Description  SOT-223 Plastic-Encapsulate Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

PZT3904 Datasheet(HTML) 1 Page - Nanjing International Group Co

  PZT3904 Datasheet HTML 1Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT-223 Plastic-Encapsulate Transistors
PZT3904
TRANSISTOR (NPN)
FEATURES
Low Voltage and Low Current
Complementary to PZT3906
General Purpose Amplifier and Switch Application
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=0.01mA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.01mA,IC=0
6
V
Collector cut-off current
ICBO
VCB=30V,IE=0
50
nA
Collector cut-off current
ICEX
VCE=30V, VEB=3V
50
nA
Emitter cut-off current
IEBO
VEB=5V, IC=0
50
nA
hFE(1)
VCE=1V, IC=0.1mA
40
hFE(2)
VCE=1V, IC=1mA
70
hFE(3)
VCE=1V, IC=10mA
100
300
DC current gain
hFE(4)
VCE=1V, IC=50mA
60
IC=10mA,IB=1mA
0.2
V
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB=5mA
0.3
V
IC=10mA,IB=1mA
0.65
0.85
V
Base-emitter saturation voltage
VBE(sat)
IC=50mA,IB=5mA
0.95
V
Transition frequency
fT
VCE=20V,IC=10mA, f=100MHz
300
MHz
Collector output capacitance
Cob
VCB=5V, IE=0, f=1MHz
4
pF
Delay time
td
35
Rise time
tr
VCC=3V, VBE(off)=0.5V IC=10mA,
IB1= -IB2=1mA
35
ns
Storage time
ts
200
Fall time
tf
VCC=3V, IC=10mA,
IB1=-IB2=1mA
50
ns
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
200
mA
PC
Collector Power Dissipation
1
W
RθJA
Thermal Resistance From Junction To Ambient
125
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
SOT-223
1. BASE
2. COLLECTOR
3. EMITTER
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - PZT3904

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZT3904 PHILIPS-PZT3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 14
logo
Guangdong Kexin Industr...
PZT3904 KEXIN-PZT3904 Datasheet
700Kb / 2P
   NPN Transistors
logo
STMicroelectronics
PZT3904 STMICROELECTRONICS-PZT3904 Datasheet
46Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
logo
SHIKUES Electronics
PZT3904 SKTECHNOLGY-PZT3904 Datasheet
432Kb / 2P
   Silicon NPN bipolar Transistor
logo
Siemens Semiconductor G...
PZT3904 SIEMENS-PZT3904 Datasheet
124Kb / 5P
   NPN Silicon Switching Transistor
More results

Similar Description - PZT3904

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP54 DGNJDZ-BCP54 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
CZT5551 DGNJDZ-CZT5551 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
BCP69 JIANGSU-BCP69 Datasheet
1,017Kb / 3P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
CZT32C DGNJDZ-CZT32C Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP56 DGNJDZ-BCP56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA06 DGNJDZ-PZTA06 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com