Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACH3218-151-TD01 Datasheet(PDF) 4 Page - TDK Electronics

Part # ACH3218-151-TD01
Description  3-terminal Filters For power line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACH3218-151-TD01 Datasheet(HTML) 4 Page - TDK Electronics

  ACH3218-151-TD01 Datasheet HTML 1Page - TDK Electronics ACH3218-151-TD01 Datasheet HTML 2Page - TDK Electronics ACH3218-151-TD01 Datasheet HTML 3Page - TDK Electronics ACH3218-151-TD01 Datasheet HTML 4Page - TDK Electronics ACH3218-151-TD01 Datasheet HTML 5Page - TDK Electronics ACH3218-151-TD01 Datasheet HTML 6Page - TDK Electronics ACH3218-151-TD01 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
(4/7)
INDUC
T
O
RS
20160128 / 3tf_commercial_power_ach3218_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
ACH3218 Type
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
60 to 120s
230°C
30 to 60s
250 to 260°C
10s max.
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak


Similar Part No. - ACH3218-151-TD01

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH3218-151-T TDK-ACH3218-151-T Datasheet
126Kb / 9P
   3-terminal Filters For power line ACH series
More results

Similar Description - ACH3218-151-TD01

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH32C-100-T001 TDK-ACH32C-100-T001_16 Datasheet
111Kb / 7P
   3-terminal Filters For power line
YFF-P TDK-YFF-P Datasheet
1Mb / 10P
   3-terminal Filters For Power Line
ACH32C TDK-ACH32C Datasheet
44Kb / 2P
   3-terminal Filters(SMD) For Power Line
ZJK TDK-ZJK Datasheet
64Kb / 2P
   3-terminal Filters(SIP) For Signal Line / Power Line
YFF31HC TDK-YFF31HC Datasheet
134Kb / 5P
   3-terminal filters For large-current power line
ACH4518 TDK-ACH4518 Datasheet
161Kb / 3P
   3-terminal filters For power line ACH series
20211217
YFF15SC TDK-YFF15SC Datasheet
249Kb / 10P
   3-terminal filters For signal line
ACH3218-682-TD01 TDK-ACH3218-682-TD01 Datasheet
126Kb / 9P
   3-terminal Filters For power line ACH series
YFF15PC TDK-YFF15PC Datasheet
331Kb / 11P
   3-terminal filters Feedthrough filter for power line
YFF31AH TDK-YFF31AH Datasheet
147Kb / 6P
   3-terminal filters For automotive large-current power line
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com