Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM231E1BRWZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADuM231E1BRWZ
Description  5.0 kV RMS Triple Channel Digital Isolators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM231E1BRWZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADuM231E1BRWZ Datasheet HTML 6Page - Analog Devices ADuM231E1BRWZ Datasheet HTML 7Page - Analog Devices ADuM231E1BRWZ Datasheet HTML 8Page - Analog Devices ADuM231E1BRWZ Datasheet HTML 9Page - Analog Devices ADuM231E1BRWZ Datasheet HTML 10Page - Analog Devices ADuM231E1BRWZ Datasheet HTML 11Page - Analog Devices ADuM231E1BRWZ Datasheet HTML 12Page - Analog Devices ADuM231E1BRWZ Datasheet HTML 13Page - Analog Devices ADuM231E1BRWZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ADuM230D/ADuM230E/ADuM231D/ADuM231E
Data Sheet
Rev. A | Page 10 of 21
REGULATORY INFORMATION
See Table 17, Table 18, and the Insulation Lifetime section for details regarding recommended maximum working voltages for specific
cross-isolation waveforms and insulation levels.
Table 12. RW-16 Wide Body [SOIC_W] Package
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
Recognized Under 1577
Component Recognition
Program1
Approved under CSA Component Acceptance
Notice 5A
Certified according to DIN V VDE V
0884-10 (VDE V 0884-10):2006-122
Certified by
CQC11-471543-2012,
GB4943.1-2011
Single Protection, 5000 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and IEC 60950-1,
second edition, +A1+A2:
Reinforced insulation, VIORM =
849 peak, VIOSM = 8000 V peak
Basic insulation at
780 V rms (1103 V peak)
Double Protection, 5000 V rms
Isolation Voltage
Basic insulation at 780 V rms (1103 V peak)
Basic insulation, VIORM = 849 V peak,
VIOSM = 12 kV peak
Reinforced insulation at
389 V rms (552 V peak),
tropical climate, altitude
≤5000 meters
Reinforced insulation at 390 V rms (552 V peak)
IEC 60601-1 Edition 3.1:
Basic insulation (1 means of patient protection
(1 MOPP)), 490 V rms (686 V peak)
Reinforced insulation (2 MOPP), 238 V rms
(325 V peak)
CSA 61010-1-12 and IEC 61010-1 third edition:
Basic insulation at 300 V rms mains, 780 V
secondary (1103 V peak)
Reinforced insulation at 300 V rms Mains,
390 V secondary (552 V peak)
File E214100
File 205078
File 2471900-4880-0001
File (pending)
1 In accordance with UL 1577, each ADuM230D/ADuM230E/ADuM231D/ADuM231E is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 sec.
2 In accordance with DIN V VDE V 0884-10, each ADuM230D/ADuM230E/ADuM231D/ADuM231E is proof tested by applying an insulation test voltage ≥ 1018 V peak for
1 sec (partial discharge detection limit = 5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.
Table 13. RI-16 -2 Wide Body Increased Creepage [SOIC_IC] Package
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
Recognized Under 1577
Component Recognition
Program1
Approved under CSA Component Acceptance
Notice 5A
Certified according to DIN V VDE V
0884-10 (VDE V 0884-10):2006-122
Certified by
CQC11-471543-2012,
GB4943.1-2011
Single Protection, 5000 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and IEC 60950-1,
second edition, +A1+A2:
Reinforced insulation, VIORM =
849 peak, VIOSM = 8000 V peak
Basic insulation at
830 V rms (1174 V peak)
Double Protection, 5000 V rms
Isolation Voltage
Basic insulation at 830 V rms (1174 V peak)
Basic insulation, VIORM = 849 V peak,
VIOSM = 12 kV peak
Reinforced insulation at
415 V rms (587 V peak),
tropical climate, altitude
≤5000 meters
Reinforced insulation at 415 V rms (587 V peak)
IEC 60601-1 Edition 3.1:
Basic insulation (1 means of patient protection
(1 MOPP)), 519 V rms (734 V peak)
Reinforced insulation (2 MOPP), 261 V rms
(369 V peak)
CSA 61010-1-12 and IEC 61010-1 third edition:
Basic insulation at 300 V rms mains, 830 V
secondary (1174 V peak)
Reinforced insulation at 300 V rms Mains,
390 V secondary (587 V peak)
File E214100
File 205078
File 2471900-4880-0001
File (pending)
1 In accordance with UL 1577, each ADuM230D/ADuM230E/ADuM231D/ADuM231E is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 sec.
2 In accordance with DIN V VDE V 0884-10, each ADuM230D/ADuM230E/ADuM231D/ADuM231E is proof tested by applying an insulation test voltage ≥ 1018 V peak for
1 sec (partial discharge detection limit = 5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.


Similar Part No. - ADuM231E1BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM210N AD-ADUM210N Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ AD-ADUM210N0BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ-RL AD-ADUM210N0BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ AD-ADUM210N1BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ-RL AD-ADUM210N1BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
More results

Similar Description - ADuM231E1BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com