Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4528 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4528
Description  Dual Monostable Multivibrator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4528 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4528 Datasheet HTML 1Page - National Semiconductor (TI) CD4528 Datasheet HTML 2Page - National Semiconductor (TI) CD4528 Datasheet HTML 3Page - National Semiconductor (TI) CD4528 Datasheet HTML 4Page - National Semiconductor (TI) CD4528 Datasheet HTML 5Page - National Semiconductor (TI) CD4528 Datasheet HTML 6Page - National Semiconductor (TI) CD4528 Datasheet HTML 7Page - National Semiconductor (TI) CD4528 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics CD4528BM
TA e 25 C CL e 50 pF RL e 200 kX Input tr e tf e 20 ns unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Output Rise Time
tr e (30 nspF) CL a 30 ns VDD e 50V
180
400
ns
tr e (15 nspF) CL a 15 ns VDD e 100V
90
200
ns
tr e (11 nspF) CL a 10 ns VDD e 150V
65
160
ns
Output Fall Time
tf e (15 nspF) CL a 25 ns VDD e 50V
100
200
ns
tf e (075 nspF) CL a 125 ns VDD e 10V
50
100
ns
tf e (055 nspF) CL a 95 ns VDD e 150V
35
80
ns
Turn-Off Turn-On Delay
tPLH tPHL e (17 nspF) CL a 240 ns VDD e 50V
230
500
ns
AorBtoQorQ
tPLH tPHL e (066 nspF) CL a 8 ns VDD e 100V
100
250
ns
Cx e 15 pF Rx e 50 kX
tPLH tPHL e (05 nspF) CL a 65 ns VDD e 150V
65
150
ns
Turn-Off Turn-On Delay
tPLH tPHL e (17 nspF) CL a 620 ns VDD e 50V
230
500
ns
AorBtoQorQ
tPLH tPHL e (066 nspF) CL a 257 ns VDD e 100V
100
250
ns
Cx e 100 pF Rx e 10 kX
tPLH tPHL e (05 nspF) CL a 185 ns VDD e 150V
65
150
ns
Minimum Input Pulse Width
VDD e 50V
60
150
ns
AorB
VDD e 100V
20
50
ns
Cx e 15 pF Rx e 50 kX
VDD e 15V
20
50
ns
Cx e 1000 pF Rx e 10 kX
VDD e 50V
60
150
ns
VDD e 100V
20
50
ns
VDD e 150V
20
50
ns
Output Pulse Width Q or Q
VDD e 50V
550
ns
For Cx k 001 mF (See Graph
VDD e 100V
350
ns
for Appropriate VDD Level)
Cx e 15 pF Rx e 50 kX
VDD e 150V
300
ns
For Cx l 001 mF Use
VDD e 50V
15
29
45
m
s
PWout e 02 Rx Cx In VDD b VSS
VDD e 100V
10
37
90
m
s
Cx e 10000 pF Rx e 10 kX
VDD e 150V
15
42
95
m
s
Pulse Width Match between Circuits
VDD e 50V
6
25
%
in the Same Package
VDD e 100V
8
35
%
Cx e 10000 pF Rx e 10 kX
VDD e 150V
8
35
%
Reset Propagation Delay
VDD e 50V
325
600
ns
tPLH tPHL
VDD e 100V
90
225
ns
Cx e 15 pF Rx e 50 kX
VDD e 150V
60
170
ns
Cx e 1000 pF Rx e 10 kX
VDD e 50V
70
m
s
VDD e 100V
67
m
s
VDD e 150V
67
m
s
Minimum Retrigger Time
VDD e 50V
0
ns
Cx e 15 pF Rx e 50 kX
VDD e 100V
0
ns
VDD e 150V
0
ns
Cx e 1000 pF Rx e 10 kX
VDD e 50V
0
ns
VDD e 100V
0
ns
VDD e 150V
0
ns
AC parameters are guaranteed by DC correlated testing
4


Similar Part No. - CD4528

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4528 FAIRCHILD-CD4528 Datasheet
106Kb / 9P
   Dual Monostable Multivibrator
logo
List of Unclassifed Man...
CD4528 ETC2-CD4528 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
CD4528BC FAIRCHILD-CD4528BC Datasheet
106Kb / 9P
   Dual Monostable Multivibrator
CD4528BC FAIRCHILD-CD4528BC Datasheet
110Kb / 9P
   Dual Monostable Multivibrator
October 1987 Revised January 2004
CD4528BCM FAIRCHILD-CD4528BCM Datasheet
106Kb / 9P
   Dual Monostable Multivibrator
More results

Similar Description - CD4528

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com