Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65174-21 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SKY65174-21
Description  2.4 to 2.5 GHz WLAN Power Amplifier Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65174-21 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SKY65174-21 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY65174-21 Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DATA SHEET • SKY65174-21: WLAN PAM
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
November 19, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201428F
S2256
RF_IN
RF Input
GND
VCC
GND
VDET
VREF2
VREF1
GND
GND
RF_OUT
1
2
3
4
5
10
9
8
7
6
RF Output
Reference
Voltage 2 (2.85 V)
Reference
Voltage 1 (2.85 V)
Supply Voltage
C2
2.2
μF
C16
47 pF
Power Detector
C9
100 pF
R1
2.4 k
Ω
C17
DNI
C19
2200 pF
C1
220 pF
C13
22 pF
Figure 13. SKY65174-21 Application Schematic for Both 3.3 V and 5 V Operation
S2843
RF_IN
RF Input
GND
VCC
GND
VDET
VREF2
VREF1
GND
GND
RF_OUT
1
2
3
4
5
10
9
8
7
6
RF Output
Reference
(3.1 V)
Supply Voltage
C2
2.2
μF
C16
47 pF
Power Detector
C19
100 pF
R1
2.4 k
Ω
R3
39
Ω
C17
DNI
C1
0.1
μF
C20
DNI
C13
22 pF
R2
91
Ω
Figure 14. SKY65174-21 Application Schematic for Applications That Do Not Implement Amplitude Tracking


Similar Part No. - SKY65174-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65173-70LF SKYWORKS-SKY65173-70LF Datasheet
1,010Kb / 11P
   869 to 960 MHz Low-Noise Linear Power Amplifier Driver
More results

Similar Description - SKY65174-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
logo
Broadcom Corporation.
MGA-43024 BOARDCOM-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43024 AVAGO-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
Microchip Technology
SST12LN01 MICROCHIP-SST12LN01 Datasheet
227Kb / 12P
   2.4-2.5 GHz WLAN Low-Noise Amplifier
2015
SST12LP17A MICROCHIP-SST12LP17A Datasheet
850Kb / 17P
   2.4 GHz WLAN, High-Efficiency Power Amplifier Module
01/27/15
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com