Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY66183-11 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SKY66183-11
Description  2110 to 2170 MHz Linear Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66183-11 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SKY66183-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DATA SHEET • SKY66184-11: 2110 TO 2170 MHz LINEAR POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
February 18, 2016 • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • 203259D
Evaluation Board Description
The SKY66184-11 Evaluation Board is used to test the
performance of the SKY66184-11 PA. A typical application
schematic diagram is shown in Figure 7. A Bill of Materials for the
SKY66184-11 Evaluation Board is listed in Table 6. An assembly
drawing for the Evaluation Board is shown in Figure 8. The board
layer detail is shown in Figure 9. The layer detail physical
characteristics are shown in Figure 10.
Application Circuit Notes
Center Ground. It is extremely important to sufficiently ground
the bottom ground pad of the device for both thermal and stability
reasons. Multiple small vias are acceptable and work well under
the device if solder migration is an issue.
GND (pins 1, 2, 6, 11, 13, 15, 16, 20, 21, 25, and 27). Attach all
ground pins to the RF ground plane with the largest diameter and
lowest inductance via that the layout allows. Multiple small vias
are acceptable and work well under the device if solder migration
is an issue.
VBIAS (pin 10). The bias supply voltage for each stage, nominally
set to +3.3 V.
RFOUT (pin 19). Amplifier RF output pin (ZO = 50
Ω). The module
includes an onboard internal DC blocking capacitor. All
impedance matching is provided internal to the module.
VCC1, VCC2, and VCC3 (pins 28, 26, and 23, respectively).
Supply voltage for each stage collector bias is nominally set to
3.3 V. Bypass and decoupling capacitors C1, C2, C3, C4, C5, and
C6 should be placed in the approximate location shown on the
evaluation board assembly drawing, although exact placement is
not critical.
RFIN (pin 4). Amplifier RF input pin (Zo = 50
Ω). The module
includes an onboard internal DC blocking capacitor. All
impedance matching is provided internal to the module.


Similar Part No. - SKY66183-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66100-11 SKYWORKS-SKY66100-11 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY66100 SKYWORKS-SKY66100_11 Datasheet
1Mb / 16P
   169 to 170 MHz Transmit-Receive Front-End Module
SKY66101-11 SKYWORKS-SKY66101-11 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY66104-11 SKYWORKS-SKY66104-11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
SKY66104 SKYWORKS-SKY66104_11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
More results

Similar Description - SKY66183-11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1223 MACOM-PA1223 Datasheet
66Kb / 2P
   2110-2170 MHz. 5 Watt 28v. GaAs Ultra Linear Power Amplifier
logo
Stealth Microwave, Inc.
SM2122-52LD STEALTH_MICROWAVE-SM2122-52LD Datasheet
185Kb / 4P
   2110-2170 MHz 160 Watt Peak Power Amplifier
logo
WALSIN TECHNOLOGY CORPO...
SF11092140B102T WALSIN-SF11092140B102T Datasheet
734Kb / 8P
   2110~2170 MHz Band Working Frequency
logo
NXP Semiconductors
BLD6G22L-50 NXP-BLD6G22L-50 Datasheet
195Kb / 16P
   W-CDMA 2110 MHz to 2170 MHz fully integrated Doherty transistor
Rev. 02-18 March 2010
logo
M/A-COM Technology Solu...
MAFR-000355-000001 MA-COM-MAFR-000355-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2110 MHz-2170 MHz
MAFR-000087-US1C1T MA-COM-MAFR-000087-US1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2110 MHz-2170 MHz
logo
Tyco Electronics
MAMXES0050 MACOM-MAMXES0050 Datasheet
133Kb / 2P
   E-Series Surface Mount Mixer 2110 - 2170 MHz
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
logo
Infineon Technologies A...
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
   LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com