Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY67013-396LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY67013-396LF
Description  300 to 1500 MHz Low-Noise, Low-Current Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY67013-396LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY67013-396LF_15 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DATA SHEET • SKY67013-396LF: LOW-NOISE, LOW-CURRENT AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201657F • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • April 22, 2015
3
Table 3. SKY67013-396LF Electrical Specifications: Supply Current = 15 mA (Note 1)
(VDD = 3.3 V, TA = +25
C, PIN = –20 dBm, Characteristic Impedance [ZO] = 50 Ω, Tuning Optimized for 900 MHz, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
RF Specifications
Noise figure
NF
Board and connector insertion
losses not de-embedded
0.85
1.20
dB
Small signal gain
|S21|
12
14
dB
Input return loss
|S11|
23
dB
Output return loss
|S22|
16
dB
Reverse isolation
|S12|
22
dB
Third order input intercept point
IIP3
Δf = 1 MHz, PIN = –20 dBm/tone
+9
+12
dBm
Third order output intercept point
OIP3
Δf = 1 MHz, PIN = –20 dBm/tone
+23
+26
dBm
1 dB input compression point
IP1dB
+0.5
+2.5
dBm
1 dB output compression point
OP1dB
+13.5
+15.5
dBm
DC Specifications
Supply voltage
VDD
3.3
V
Supply current
IDD
Set with external resistor
10
15
mA
Note 1: Performance is guaranteed only under the conditions listed in this table.
Table 4. SKY67013-396LF Electrical Specifications: Supply Current = 5 mA (Note 1)
(VDD = 3.3 V, TA = +25
C, PIN = –20 dBm, Characteristic Impedance [ZO] = 50 Ω, Tuning Optimized for 900 MHz, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
RF Specifications
Noise figure
NF
Board and connector insertion
losses not de-embedded
1.1
dB
Small signal gain
|S21|
12.5
dB
Input return loss
|S11|
16
dB
Output return loss
|S22|
14
dB
Reverse isolation
|S12|
23
dB
Third order input intercept point
IIP3
Δf = 1 MHz, PIN = –20 dBm/tone
+9.5
dBm
Third order output intercept point
OIP3
Δf = 1 MHz, PIN = –20 dBm/tone
+22
dBm
1 dB input compression point
IP1dB
+4
dBm
1 dB output compression point
OP1dB
+15.5
dBm
DC Specifications
Supply voltage
VDD
3.3
V
Supply current
IDD
Set with external resistor
5
mA
Note 1: Performance is guaranteed only under the conditions listed in this table.


Similar Part No. - SKY67013-396LF_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67013-396LF SKYWORKS-SKY67013-396LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY67013-396LF_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67013_396LF SKYWORKS-SKY67013_396LF Datasheet
2Mb / 15P
   300 to 1500 MHz Low-Noise, Low-Current
SKY67012_396LF SKYWORKS-SKY67012_396LF Datasheet
2Mb / 15P
   300 to 600 MHz Low-Noise, Low-Current Amplifier
SKY67012-396LF SKYWORKS-SKY67012-396LF Datasheet
2Mb / 15P
   300 to 600 MHz Low-Noise, Low-Current Amplifier
SKY67150-396LF SKYWORKS-SKY67150-396LF Datasheet
1Mb / 19P
   300 to 2200 MHz Ultra Low-Noise Amplifier
SKY65045-70LF SKYWORKS-SKY65045-70LF Datasheet
3Mb / 22P
   390 - 1500 MHz Low Noise Power Amplifier Driver
SKY65080-70LF SKYWORKS-SKY65080-70LF Datasheet
172Kb / 11P
   1500-2500 MHz Low Noise Power Amplifier Driver
logo
STMicroelectronics
TSH350 STMICROELECTRONICS-TSH350 Datasheet
383Kb / 21P
   550 MHz, Low Noise Current Feedback Amplifier
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Tyco Electronics
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Analog Devices
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com