Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY67013-396LF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY67013-396LF
Description  300 to 1500 MHz Low-Noise, Low-Current Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY67013-396LF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY67013-396LF_15 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY67013-396LF_15 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DATA SHEET • SKY67013-396LF: LOW-NOISE, LOW-CURRENT AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
April 22, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201657F
Typical Performance Characteristics
(VDD = 3.3 V, Quiescent Current = 15 mA, TA = +25
C, PIN = –20 dBm, Characteristic Impedance [Zo] = 50 Ω,
Tuning Optimized for 900 MHz, Unless Otherwise Noted)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
800
820
810
840 850
830
860 870 880 890 900 910 920 930 940 950 960
Frequency (MHz)
–40 °C
+25 °C
+85 °C
Figure 3. Noise Figure vs Frequency and Temperature,
Narrow Band (Includes EVB Insertion Losses)
–22
–24
–26
–20
–16
–18
–12
–14
10
800
820
810
840 850
830
860 870 880 890 900 910 920 930 940 950 960
Frequency (MHz)
–40 °C
+25 °C
+85 °C
Figure 5. Small Signal Input Return Loss (|S11|) vs Frequency and
Temperature, Narrow Band
14.75
14.50
14.25
15.00
15.25
13.50
13.25
13.00
13.75
14.00
12.75
800
820
810
840 850
830
860 870 880 890 900 910 920 930 940 950 960
Frequency (MHz)
–40 °C
+25 °C
+85 °C
Figure 4. Small Signal Gain (|S21|) vs Frequency and
Temperature, Narrow Band
–22.4
–22.6
–22.8
–22.2
–23.2
–23.4
–23.0
–22.0
–21.8
21.6
800
820
810
840 850
830
860 870 880 890 900 910 920 930 940 950 960
Frequency (MHz)
–40 °C
+25 °C
+85 °C
Figure 6. Small Signal Reverse Isolation (|S12|) vs Frequency and
Temperature, Narrow Band


Similar Part No. - SKY67013-396LF_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67013-396LF SKYWORKS-SKY67013-396LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY67013-396LF_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67013_396LF SKYWORKS-SKY67013_396LF Datasheet
2Mb / 15P
   300 to 1500 MHz Low-Noise, Low-Current
SKY67012_396LF SKYWORKS-SKY67012_396LF Datasheet
2Mb / 15P
   300 to 600 MHz Low-Noise, Low-Current Amplifier
SKY67012-396LF SKYWORKS-SKY67012-396LF Datasheet
2Mb / 15P
   300 to 600 MHz Low-Noise, Low-Current Amplifier
SKY67150-396LF SKYWORKS-SKY67150-396LF Datasheet
1Mb / 19P
   300 to 2200 MHz Ultra Low-Noise Amplifier
SKY65045-70LF SKYWORKS-SKY65045-70LF Datasheet
3Mb / 22P
   390 - 1500 MHz Low Noise Power Amplifier Driver
SKY65080-70LF SKYWORKS-SKY65080-70LF Datasheet
172Kb / 11P
   1500-2500 MHz Low Noise Power Amplifier Driver
logo
STMicroelectronics
TSH350 STMICROELECTRONICS-TSH350 Datasheet
383Kb / 21P
   550 MHz, Low Noise Current Feedback Amplifier
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Tyco Electronics
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Analog Devices
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com