Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY66189-11 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SKY66189-11
Description  2110 to 2170 MHz Linear Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66189-11 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SKY66189-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66189-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66189-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66189-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66189-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66189-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66189-11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY66189-11 Datasheet HTML 13Page - Skyworks Solutions Inc. SKY66189-11 Datasheet HTML 14Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DATA SHEET • SKY66184-11: 2110 TO 2170 MHz LINEAR POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203259D • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • February 18, 2016
11
Stencil Aperture
Top View
Pin 28
Pin 1 Indicator
0.43 X 0.43
Pin 1
Package Outline
0.5 mm Pitch
Stencil aperture size of
80% to 100% of the module/package
solder mask openings
9X 1.1 mm
5.3 mm
28X 0.25 mm
5.3 mm
Pin 28
5.3 mm
17X 0.55 mm
17X 0.25 mm
0.5 mm Pitch
Package Outline
Thermal via array Ø0.3 mm
on 0.6 mm pitch
improves thermal performance
0.5 mm Pitch
Metallization
Top View
Pin 1
Pin 28
Pin 1 Indicator
0.43 x 0.43
Pin 1
Package Outline
Solder Mask Opening
Top View
28X 0.65 mm
5.4 mm
5.4 mm
28X 0.35 mm
2X 1.8 mm
Opening size of 60%
to 100% of exposed
center opening shown
Notes:
1. Thermal vias should be resin filled and capped in accordance with IPC–4761 type VII vias.
2. Recommended Cu thickness is 30 to 35 μm.
203259D-012
28X 0.55 mm
9X 1.1 mm
6X 1.25 mm
Exposed Center Pad
5.3 mm
2X 1.8 mm
Exposed Center Pad
6X 1.25 mm
0.6 mm Pitch
0.6 mm Pitch
0.25 mm Typ
Figure 12. SKY66184-11 PCB Layout Footprint


Similar Part No. - SKY66189-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66100-11 SKYWORKS-SKY66100-11 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY66100 SKYWORKS-SKY66100_11 Datasheet
1Mb / 16P
   169 to 170 MHz Transmit-Receive Front-End Module
SKY66101-11 SKYWORKS-SKY66101-11 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY66104-11 SKYWORKS-SKY66104-11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
SKY66104 SKYWORKS-SKY66104_11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
More results

Similar Description - SKY66189-11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1223 MACOM-PA1223 Datasheet
66Kb / 2P
   2110-2170 MHz. 5 Watt 28v. GaAs Ultra Linear Power Amplifier
logo
Stealth Microwave, Inc.
SM2122-52LD STEALTH_MICROWAVE-SM2122-52LD Datasheet
185Kb / 4P
   2110-2170 MHz 160 Watt Peak Power Amplifier
logo
WALSIN TECHNOLOGY CORPO...
SF11092140B102T WALSIN-SF11092140B102T Datasheet
734Kb / 8P
   2110~2170 MHz Band Working Frequency
logo
NXP Semiconductors
BLD6G22L-50 NXP-BLD6G22L-50 Datasheet
195Kb / 16P
   W-CDMA 2110 MHz to 2170 MHz fully integrated Doherty transistor
Rev. 02-18 March 2010
logo
M/A-COM Technology Solu...
MAFR-000355-000001 MA-COM-MAFR-000355-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2110 MHz-2170 MHz
MAFR-000087-US1C1T MA-COM-MAFR-000087-US1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2110 MHz-2170 MHz
logo
Tyco Electronics
MAMXES0050 MACOM-MAMXES0050 Datasheet
133Kb / 2P
   E-Series Surface Mount Mixer 2110 - 2170 MHz
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
logo
Infineon Technologies A...
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
   LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com