Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4001WS Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SM4001WS
Description  0.3 AmpereSilion Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SM4001WS Datasheet(HTML) 2 Page - Nanjing International Group Co

  SM4001WS Datasheet HTML 1Page - Nanjing International Group Co SM4001WS Datasheet HTML 2Page - Nanjing International Group Co SM4001WS Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM4001WS thru SM4007WS
Junction Capacitance - pF
versus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperes
versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.3
.6
.9
1.1
1.2
1.3
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25
°C
Average Forward Rectified Current - Amperes
versus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
.1
.2
.3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
.4
0.5
0.6


Similar Part No. - SM4001WS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM4001 RECTRON-SM4001 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Nantong Hornby Electron...
SM4001 HORNBY-SM4001 Datasheet
253Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
SM4001 BILIN-SM4001 Datasheet
198Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Rectron Semiconductor
SM4001 RECTRON-SM4001 Datasheet
445Kb / 4P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Bytes
SM4001 BYTES-SM4001 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

Similar Description - SM4001WS

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
GS1010 DGNJDZ-GS1010 Datasheet
280Kb / 3P
   1.0 AmpereSilion Rectifier
SM4001PL DGNJDZ-SM4001PL Datasheet
248Kb / 3P
   1.0 AmpereSilion Rectifier
GS1001 DGNJDZ-GS1001 Datasheet
248Kb / 3P
   1.0 AmpereSilion Rectifier
GS1001FL DGNJDZ-GS1001FL Datasheet
303Kb / 3P
   1.0 AmpereSilion Rectifier
logo
Texas Instruments
DLP3010 TI1-DLP3010_18 Datasheet
1Mb / 41P
[Old version datasheet]   0.3 720p DMD
logo
Everlight Electronics C...
ELS-321USOWA EVERLIGHT-ELS-321USOWA Datasheet
111Kb / 6P
   0.3 Single Digit Displays
logo
Grayhill, Inc
75AP36-01-1-10N-C GRAYHILL-75AP36-01-1-10N-C Datasheet
99Kb / 2P
   0.3 Diameter, 200 mA
logo
Texas Instruments
DLP3000 TI1-DLP3000_15 Datasheet
1,023Kb / 38P
[Old version datasheet]   짰 0.3 WVGA Series
DLP3010LC TI1-DLP3010LC Datasheet
626Kb / 42P
[Old version datasheet]   DLP3010LC 0.3 720p DMD
logo
Everlight Electronics C...
ELS-321SURWA EVERLIGHT-ELS-321SURWA Datasheet
120Kb / 7P
   0.3 Single Digit Displays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com