Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH44PN3R3MJ0L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH44PN3R3MJ0L
Description  Inductance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH44PN3R3MJ0L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH44PN3R3MJ0L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH44PN3R3MJ0L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQH44PN3R3MJ0#
# indicates a package specification code.
< List of part numbers with package codes >
LQH44PN3R3MJ0L , LQH44PN3R3MJ0K
Shape
L size
4.0 ±0.2mm
W size
4.0 ±0.2mm
T size
1.1 ±0.1mm
Size code in inch (mm)
1515 (4040)
Specifications
Inductance
3.3µH ±20%
Inductance test frequency
100kHz
Rated current (Isat) (Based on Inductance change)
900mA
Rated current (Itemp) (Based on Temperature rise)
1000mA
Max. of DC resistance
0.106Ω
Avg. of DC resistance
0.088Ω±20%
Self resonance frequency (min.)
55MHz
Operating temperature range (Self-temperature rise
is included)
-40∼125℃
Operating temperature range (Self-temperature rise
is not included)
-40∼85℃
Class of magnetic shield
Magnetic shield of magnetic
powder in resin
Notes
When applied Rated current to the Products, Inductance will be within ±30% of
initial Inductance value.
When applied Rated current to the Products , self temperature rise shall be limited
to 40℃ max.
Keep the temperature(ambient temperature plus self-generation of heat)
under 125℃
References
Packaging
code
Specifications
Minimum quantity
φ180mm Embossed taping
1000
φ330mm Embossed taping
3500
Mass (Typ.)
1 piece
0.070g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/04/21


Similar Part No. - LQH44PN3R3MJ0L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH44PN3R3MJ0 MURATA-LQH44PN3R3MJ0 Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH44P_J0 Series (1515 Size)
LQH44PN3R3MJ0 MURATA-LQH44PN3R3MJ0 Datasheet
237Kb / 7P
   1616 size (4.0x4.0mm) Height 1.8mm max.
More results

Similar Description - LQH44PN3R3MJ0L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com