Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57045K0104K000 Datasheet(PDF) 8 Page - TDK Electronics

Part # B57045K0104K000
Description  NTC thermistors for temperature measurement
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57045K0104K000 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B57045K0104K000 Datasheet HTML 3Page - TDK Electronics B57045K0104K000 Datasheet HTML 4Page - TDK Electronics B57045K0104K000 Datasheet HTML 5Page - TDK Electronics B57045K0104K000 Datasheet HTML 6Page - TDK Electronics B57045K0104K000 Datasheet HTML 7Page - TDK Electronics B57045K0104K000 Datasheet HTML 8Page - TDK Electronics B57045K0104K000 Datasheet HTML 9Page - TDK Electronics B57045K0104K000 Datasheet HTML 10Page - TDK Electronics B57045K0104K000 Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Mounting
Ensure that no thermo-mechanical stress occurs due to production processes (curing or
overmolding processes) when thermistors are sealed, potted or overmolded or during their
subsequent operation. The maximum temperature of the thermistor must not be exceeded.
Ensure that the materials used (sealing/potting compound and plastic material) are chemically
neutral.
Electrodes/contacts must not be scratched or damaged before/during/after the mounting
process.
Contacts and housing used for assembly with the thermistor must be clean before mounting.
Ensure that adjacent materials are designed for operation at temperatures comparable to the
surface temperature of the thermistor. Be sure that surrounding parts and materials can
withstand the temperature.
Avoid contamination of the thermistor surface during processing.
The connections of sensors (e.g. cable end, wire end, plug terminal) may only be exposed to
an environment with normal atmospheric conditions.
Tensile forces on cables or leads must be avoided during mounting and operation.
Bending or twisting of cables or leads directly on the thermistor body is not permissible.
Avoid using chemical substances as mounting aids. It must be ensured that no water or other
liquids enter the NTC thermistors (e.g. through plug terminals). In particular, water based
substances (e.g. soap suds) must not be used as mounting aids for sensors.
Operation
Use thermistors only within the specified operating temperature range.
Use thermistors only within the specified power range.
Environmental conditions must not harm the thermistors. Only use the thermistors under
normal atmospheric conditions or within the specified conditions.
Contact of NTC thermistors with any liquids and solvents shall be prevented. It must be
ensured that no water enters the NTC thermistors (e.g. through plug terminals). For
measurement purposes (checking the specified resistance vs. temperature), the component
must not be immersed in water but in suitable liquids (e.g. Galden).
Avoid dewing and condensation unless thermistor is specified for these conditions.
Bending or twisting of cables and/or wires is not permissible during operation of the sensor in
the application.
Be sure to provide an appropriate fail-safe function to prevent secondary product damage
caused by malfunction.
This listing does not claim to be complete, but merely reflects the experience of EPCOS AG.
Temperature measurement
B57045K
Probe assemblies
K45
Page 8 of 11
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57045K0104K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57045K0104K000 EPCOS-B57045K0104K000 Datasheet
54Kb / 3P
   Temperature compensation (chassis mounting)
B57045K0104K000 EPCOS-B57045K0104K000 Datasheet
214Kb / 13P
   NTC thermistors for temperature measurement
B57045K0104K000 EPCOS-B57045K0104K000 Datasheet
214Kb / 13P
   NTC thermistors for temperature measurement
More results

Similar Description - B57045K0104K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com