Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57550G1103005 Datasheet(PDF) 3 Page - TDK Electronics

Part # B57550G1103005
Description  NTC thermistors for temperature measurement
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57550G1103005 Datasheet(HTML) 3 Page - TDK Electronics

  B57550G1103005 Datasheet HTML 1Page - TDK Electronics B57550G1103005 Datasheet HTML 2Page - TDK Electronics B57550G1103005 Datasheet HTML 3Page - TDK Electronics B57550G1103005 Datasheet HTML 4Page - TDK Electronics B57550G1103005 Datasheet HTML 5Page - TDK Electronics B57550G1103005 Datasheet HTML 6Page - TDK Electronics B57550G1103005 Datasheet HTML 7Page - TDK Electronics B57550G1103005 Datasheet HTML 8Page - TDK Electronics B57550G1103005 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Electrical specification and ordering codes
R25
No. of R/T
characteristic
B25/85
K
B0/100
K
B25/100
K
Ordering code
+ =
Resistance tolerance
F =
±1%
G =
±2%
H =
±3%
2 k
8320
3406
3379
3420
±1%
B57550G1202+000
2.5 k
7006
3546
3517
3560
±1%
B57550G1252+000
5 k
8326
3483
3456
3497
±1%
B57550G1502+000
10 k
7003
3612
3586
3625
±1%
B57550G1103+005
10 k
8307
3478
3450
3492
±1%
B57550G1103+000
20 k
8332
3993
3965
4006
±1%
B57550G1203+000
30 k
8344
3992
3965
4006
±1%
B57550G1303+000
50 k
8344
3992
3965
4006
±1%
B57550G1503+000
100 k
8304
4072
4036
4092
±1%
B57550G1104+000
230 k
8350
4240
4198
4264
±1%
B57550G1234+000
Temperature measurement
B57550G1
Glass-encapsulated sensors
G1550
Page 3 of 25
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57550G1103005

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57550G1103005 EPCOS-B57550G1103005 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
More results

Similar Description - B57550G1103005

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com