Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57621C5102062 Datasheet(PDF) 2 Page - TDK Electronics

Part # B57621C5102062
Description  NTC thermistors for temperature measurement
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57621C5102062 Datasheet(HTML) 2 Page - TDK Electronics

  B57621C5102062 Datasheet HTML 1Page - TDK Electronics B57621C5102062 Datasheet HTML 2Page - TDK Electronics B57621C5102062 Datasheet HTML 3Page - TDK Electronics B57621C5102062 Datasheet HTML 4Page - TDK Electronics B57621C5102062 Datasheet HTML 5Page - TDK Electronics B57621C5102062 Datasheet HTML 6Page - TDK Electronics B57621C5102062 Datasheet HTML 7Page - TDK Electronics B57621C5102062 Datasheet HTML 8Page - TDK Electronics B57621C5102062 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1) Depends on mounting situation
Applications
Temperature measurement and
compensation
Features
SMD NTC with/ without inner electrodes
Nickel barrier termination
Excellent long-term aging stability in high
temperature environment
Options
Alternative resistance ratings, resistance
tolerances and B value tolerances available
on request.
Delivery mode
Blister tape, 180-mm reel (standard)
Dimensional drawing
Dimensions in mm
Approx. weight 18 mg
General technical data
Operating temperature range
Top
55 ... 125
°C
Max. power
(at 25
°C, on PCB) P
25
1)
300
mW
Resistance tolerance
∆R
R/RR
±5, ±10
%
Rated temperature
TR
25
°C
Dissipation factor
(on PCB)
δ
th
1)
approx. 5
mW/K
Thermal cooling time constant
(on PCB)
τ
c
1)
approx. 10
s
Heat capacity
Cth1)
approx. 50
mJ/K
Electrical specification and ordering codes
R25
∆R
R/RR
%
No. of R/T
characteristic
B25/50
K
B25/85
K
B25/100
K
Ordering code
+ =
Resistance tolerance
J =
±5%
K =
±10%
1.0 k
±5, ±10 3206
3420
3440
3450
±3% B57621C5102+062
4.7 k
±5, ±10 1309
3430
3500
3520
±3% B57621C5472+062
10 k
±5, ±10 1010
3470
3510
3530
±3% B57621C5103+062
15 k
±5, ±10 1008
3480
3550
3560
±3% B57621C5153+062
Temperature measurement and compensation
B57621C5
SMD NTC thermistors, case size 1206 (3216)
Standard series
Page 2 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57621C5102062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57621C0103 EPCOS-B57621C0103 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Sliver Palladium Termination
B57621C0103 EPCOS-B57621C0103 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Silver Palladium Termination, Size 1206
B57621C0104 EPCOS-B57621C0104 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Sliver Palladium Termination
B57621C0104062 EPCOS-B57621C0104062 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Silver Palladium Termination, Size 1206
B57621C0153 EPCOS-B57621C0153 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Sliver Palladium Termination
More results

Similar Description - B57621C5102062

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com