Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57371V2473060 Datasheet(PDF) 3 Page - TDK Electronics

Part # B57371V2473060
Description  NTC thermistors for temperature measurement
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57371V2473060 Datasheet(HTML) 3 Page - TDK Electronics

  B57371V2473060 Datasheet HTML 1Page - TDK Electronics B57371V2473060 Datasheet HTML 2Page - TDK Electronics B57371V2473060 Datasheet HTML 3Page - TDK Electronics B57371V2473060 Datasheet HTML 4Page - TDK Electronics B57371V2473060 Datasheet HTML 5Page - TDK Electronics B57371V2473060 Datasheet HTML 6Page - TDK Electronics B57371V2473060 Datasheet HTML 7Page - TDK Electronics B57371V2473060 Datasheet HTML 8Page - TDK Electronics B57371V2473060 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Electrical specification and ordering codes
R25
∆R
R/RR
%
No. of R/T
characteristic
B25/50
K
B25/85
K
B25/100
K
Ordering code
+ =
Resistance tolerance
F =
±1% (only for B57330V2103F260 and B57374V2104F060)
H =
±3%
J =
±5%
1.0 k
±3, ±5
8502
3940
3980
4000
±3% B57321V2102+060
2.2 k
±3, ±5
8502
3940
3980
4000
±3% B57321V2222+060
4.7 k
±3, ±5
8500
3590
3635
3650
±3% B57301V2472+060
6.8 k
±3, ±5
8507
4386
4455
4480
±3% B57371V2682+060
10 k
±1
8509
3380
3435
3455
±1% B57330V2103F260
10 k
±3, ±5
8509
3380
3435
3455
±1% B57330V2103+260
10 k
±3, ±5
8500
3590
3635
3650
±3% B57301V2103+060
10 k
±3, ±5
8502
3940
3980
4000
±3% B57321V2103+060
10 k
±3, ±5
8507
4386
4455
4480
±3% B57371V2103+060
22 k
±3, ±5
8502
3940
3980
4000
±3% B57321V2223+060
22 k
±3, ±5
8507
4386
4455
4480
±3% B57371V2223+060
47 k
±3, ±5
8502
3940
3980
4000
±3% B57321V2473+060
47 k
±3, ±5
8507
4386
4455
4480
±3% B57371V2473+060
68 k
±3, ±5
8507
4386
4455
4480
±3% B57371V2683+060
100 k
±1
8507
4386
4455
4480
±1% B57374V2104F060
100 k
±3, ±5
8507
4386
4455
4480
±1% B57374V2104+060
100 k
±3, ±5
8507
4386
4455
4480
±3% B57371V2104+060
470 k
±3, ±5
8507
4386
4455
4480
±3% B57371V2474+060
Temperature measurement and compensation
B573**V2
SMD NTC thermistors, case size 0603 (1608)
Standard series
Page 3 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57371V2473060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57371V2473060 EPCOS-B57371V2473060 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57371V2473060 EPCOS-B57371V2473060 Datasheet
425Kb / 21P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57371V2473060 TDK-B57371V2473060 Datasheet
451Kb / 22P
   NTC thermistors for temperature measurement
B57371V2473060 TDK-B57371V2473060 Datasheet
451Kb / 22P
   NTC thermistors for temperature measurement
More results

Similar Description - B57371V2473060

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com