Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16485 Datasheet(PDF) 6 Page - Analog Devices

Part # ADIS16485
Description  Tactical Grade, Six Degrees of Freedom Inertial Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16485 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIS16485_15 Datasheet HTML 2Page - Analog Devices ADIS16485_15 Datasheet HTML 3Page - Analog Devices ADIS16485_15 Datasheet HTML 4Page - Analog Devices ADIS16485_15 Datasheet HTML 5Page - Analog Devices ADIS16485_15 Datasheet HTML 6Page - Analog Devices ADIS16485_15 Datasheet HTML 7Page - Analog Devices ADIS16485_15 Datasheet HTML 8Page - Analog Devices ADIS16485_15 Datasheet HTML 9Page - Analog Devices ADIS16485_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADIS16485
Data Sheet
TIMING SPECIFICATIONS
TA = 25°C, VDD = 3.3 V, unless otherwise noted.
Table 2.
Normal Mode
Parameter
Description
Min1
Typ
Max1
Unit
fSCLK
Serial clock
0.01
15
MHz
tSTALL2
Stall period between data communication cycles
2
µs
tCLS
Serial clock low period
31
ns
tCHS
Serial clock high period
31
ns
t
CS
Chip select to clock edge
32
ns
tDAV
DOUT valid after SCLK edge
10
ns
tDSU
DIN setup time before SCLK rising edge
2
ns
tDHD
DIN hold time after SCLK rising edge
2
ns
tDR, tDF
DOUT rise/fall times, ≤100 pF loading
3
8
ns
tDSOE
CS assertion to data out active
0
11
ns
tHD
SCLK edge to data out invalid
0
ns
tSFS
Last SCLK edge to CS deassertion
32
ns
tDSHI
CS deassertion to data out high impedance
0
9
ns
t1
Input sync pulse width
5
µs
t2
Input sync to data invalid
510
µs
t3
Input sync period
417
µs
1
Guaranteed by design and characterization, but not tested in production.
2
See Table 3 for exceptions to the stall time rating.
Table 3. Register Specific Stall Times
Register
Function
Minimum Stall Time (μs)
FNCTIO_CTRL
Configure DIOx functions
60
FLTR_BNK0
Enable/select FIR filter banks
320
FLTR_BNK1
Enable/select FIR filter banks
320
NULL_CFG
Configure autonull bias function
10
GLOB_CMD[1]
Self test
12000
GLOB_CMD[2]
Memory test
50000
GLOB_CMD[3]
Flash memory update
375000
GLOB_CMD[6]
Flash memory test
75000
GLOB_CMD[7]
Software reset
12000
Timing Diagrams
CS
SCLK
DOUT
DIN
1
2
3
4
5
6
15
16
R/W
A5
A6
A4
A3
A2
D2
MSB
DB14
D1
LSB
DB13
DB12
DB10
DB11
DB2
LSB
DB1
tCS
tDSHI
tDR
tSFS
tDF
tDAV
tHD
tCHS
tCLS
tDSOE
tDHD
tDSU
Figure 2. SPI Timing and Sequence
Rev. E | Page 6 of 32


Similar Part No. - ADIS16485_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16485/PCBZ AD-ADIS16485/PCBZ Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485AMLZ AD-ADIS16485AMLZ Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485AMLZ AD-ADIS16485AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16485_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
   Tactical Grade, Ten Degrees of Freedom Inertial Sensor
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
   Compact, Precision, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com