Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16485 Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16485
Description  Tactical Grade, Six Degrees of Freedom Inertial Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16485 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16485_15 Datasheet HTML 10Page - Analog Devices ADIS16485_15 Datasheet HTML 11Page - Analog Devices ADIS16485_15 Datasheet HTML 12Page - Analog Devices ADIS16485_15 Datasheet HTML 13Page - Analog Devices ADIS16485_15 Datasheet HTML 14Page - Analog Devices ADIS16485_15 Datasheet HTML 15Page - Analog Devices ADIS16485_15 Datasheet HTML 16Page - Analog Devices ADIS16485_15 Datasheet HTML 17Page - Analog Devices ADIS16485_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADIS16485
Data Sheet
Name
R/W
Flash
PAGE_ID
Address
Default
Register Description
Format
XG_BIAS_LOW
R/W
Yes
0x02
0x10
0x0000
Calibration, offset, gyroscope, x-axis, low word
Table 60
XG_BIAS_HIGH
R/W
Yes
0x02
0x12
0x0000
Calibration, offset, gyroscope, x-axis, high word
Table 57
YG_BIAS_LOW
R/W
Yes
0x02
0x14
0x0000
Calibration, offset, gyroscope, y-axis, low word
Table 61
YG_BIAS_HIGH
R/W
Yes
0x02
0x16
0x0000
Calibration, offset, gyroscope, y-axis, high word
Table 58
ZG_BIAS_LOW
R/W
Yes
0x02
0x18
0x0000
Calibration, offset, gyroscope, z-axis, low word
Table 62
ZG_BIAS_HIGH
R/W
Yes
0x02
0x1A
0x0000
Calibration, offset, gyroscope, z-axis, high word
Table 59
XA_BIAS_LOW
R/W
Yes
0x02
0x1C
0x0000
Calibration, offset, accelerometer, x-axis, low word
Table 71
XA_BIAS_HIGH
R/W
Yes
0x02
0x1E
0x0000
Calibration, offset, accelerometer, x-axis, high word
Table 68
YA_BIAS_LOW
R/W
Yes
0x02
0x20
0x0000
Calibration, offset, accelerometer, y-axis, low word
Table 72
YA_BIAS_HIGH
R/W
Yes
0x02
0x22
0x0000
Calibration, offset, accelerometer, y-axis, high word
Table 69
ZA_BIAS_LOW
R/W
Yes
0x02
0x24
0x0000
Calibration, offset, accelerometer, z-axis, low word
Table 73
ZA_BIAS_HIGH
R/W
Yes
0x02
0x26
0x0000
Calibration, offset, accelerometer, z-axis, high word
Table 70
Reserved
N/A
N/A
0x02
0x28 to 0x72
N/A
Reserved
N/A
USER_SCR_1
R/W
Yes
0x02
0x74
0x0000
User Scratch Register 1
Table 92
USER_SCR_2
R/W
Yes
0x02
0x76
0x0000
User Scratch Register 2
Table 93
USER_SCR_3
R/W
Yes
0x02
0x78
0x0000
User Scratch Register 3
Table 94
USER_SCR_4
R/W
Yes
0x02
0x7A
0x0000
User Scratch Register 4
Table 95
FLSHCNT_LOW
R
Yes
0x02
0x7C
N/A
Diagnostic, flash memory count, low word
Table 87
FLSHCNT_HIGH
R
Yes
0x02
0x7E
N/A
Diagnostic, flash memory count, high word
Table 88
PAGE_ID
R/W
No
0x03
0x00
0x0000
Page identifier
N/A
GLOB_CMD
W
No
0x03
0x02
N/A
Control, global commands
Table 86
Reserved
N/A
N/A
0x03
0x04
N/A
Reserved
N/A
FNCTIO_CTRL
R/W
Yes
0x03
0x06
0x000D
Control, I/O pins, functional definitions
Table 89
GPIO_CTRL
R/W
Yes
0x03
0x08
0x00X01
Control, I/O pins, general purpose
Table 90
CONFIG
R/W
Yes
0x03
0x0A
0x00C0
Control, clock, and miscellaneous correction
Table 67
DEC_RATE
R/W
Yes
0x03
0x0C
0x0000
Control, output sample rate decimation
Table 49
NULL_CNFG
R/W
Yes
0x03
0x0E
0x070A
Control, automatic bias correction configuration
Table 63
SLP_CNT
R/W
No
0x03
0x10
N/A
Control, power-down/sleep mode
Table 91
Reserved
N/A
N/A
0x03
0x12 to 0x14
N/A
Reserved
N/A
FILTR_BNK_0
R/W
Yes
0x03
0x16
0x0000
Filter selection
Table 50
FILTR_BNK_1
R/W
Yes
0x03
0x18
0x0000
Filter selection
Table 51
Reserved
N/A
N/A
0x03
0x1A to 0x1E
N/A
Reserved
N/A
ALM_CNFG_0
R/W
Yes
0x03
0x20
0x0000
Alarm configuration
Table 83
ALM_CNFG_1
R/W
Yes
0x03
0x22
0x0000
Alarm configuration
Table 84
Reserved
N/A
N/A
0x03
0x24 to 0x26
N/A
Reserved
N/A
XG_ALM_MAGN
R/W
Yes
0x03
0x28
0x0000
Alarm, x-axis gyroscope threshold setting
Table 77
YG_ALM_MAGN
R/W
Yes
0x03
0x2A
0x0000
Alarm, y-axis gyroscope threshold setting
Table 78
ZG_ALM_MAGN
R/W
Yes
0x03
0x2C
0x0000
Alarm, z-axis gyroscope threshold setting
Table 79
XA_ALM_MAGN
R/W
Yes
0x03
0x2E
0x0000
Alarm, x-axis accelerometer threshold
Table 80
YA_ALM_MAGN
R/W
Yes
0x03
0x30
0x0000
Alarm, y-axis accelerometer threshold
Table 81
ZA_ALM_MAGN
R/W
Yes
0x03
0x32
0x0000
Alarm, z-axis accelerometer threshold
Table 82
Reserved
N/A
N/A
0x03
0x34 to 0x76
N/A
Reserved
N/A
FIRM_REV
R
Yes
0x03
0x78
N/A
Firmware revision
Table 44
FIRM_DM
R
Yes
0x03
0x7A
N/A
Firmware programming date: day/month
Table 45
FIRM_Y
R
Yes
0x03
0x7C
N/A
Firmware programming date: year
Table 46
Reserved
N/A
N/A
0x03
0x7E
N/A
Reserved
N/A
Reserved
N/A
N/A
0x04
0x00 to 0x18
N/A
Reserved
N/A
SERIAL_NUM
R
Yes
0x04
0x20
N/A
Serial number
Table 48
Reserved
N/A
N/A
0x04
0x22 to 0x7F
N/A
Reserved
N/A
Rev. E | Page 14 of 32


Similar Part No. - ADIS16485_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16485/PCBZ AD-ADIS16485/PCBZ Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485AMLZ AD-ADIS16485AMLZ Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485AMLZ AD-ADIS16485AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16485_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
   Tactical Grade, Ten Degrees of Freedom Inertial Sensor
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
   Compact, Precision, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com