Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16485 Datasheet(PDF) 24 Page - Analog Devices

Part # ADIS16485
Description  Tactical Grade, Six Degrees of Freedom Inertial Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16485 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADIS16485_15 Datasheet HTML 20Page - Analog Devices ADIS16485_15 Datasheet HTML 21Page - Analog Devices ADIS16485_15 Datasheet HTML 22Page - Analog Devices ADIS16485_15 Datasheet HTML 23Page - Analog Devices ADIS16485_15 Datasheet HTML 24Page - Analog Devices ADIS16485_15 Datasheet HTML 25Page - Analog Devices ADIS16485_15 Datasheet HTML 26Page - Analog Devices ADIS16485_15 Datasheet HTML 27Page - Analog Devices ADIS16485_15 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADIS16485
Data Sheet
Linear Acceleration on Effect on Gyroscope Bias
MEMS gyroscopes typically have a bias response to linear accel-
eration that is normal to their axes of rotation. The ADIS16485
offers an optional compensation function for this effect; the factory
default setting (0x00C0) for the CONFIG register enables this
function. To turn it off, turn to Page 3 (DIN = 0x8003) and set
CONFIG[7] = 0 (DIN = 0x8A20, DIN = 0x8B00). Note that this
also keeps the point of percussion alignment function enabled.
Table 67. CONFIG (Page 3, Base Address = 0x0A)
Bits
Description (Default = 0x00C0)
[15:8]
Not used
7
Linear-g compensation for gyroscopes (1 = enabled)
6
Point of percussion alignment (1 = enabled)
[5:2]
Not used
1
Real-time clock, daylight savings time (1: enabled,
0: disabled)
0
Real-time clock control (1: relative/elapsed timer mode,
0: calendar mode)
ACCELEROMETERS
The user calibration for the accelerometers includes registers for
adjusting bias and sensitivity, as shown in Figure 23.
X-AXIS
ACCL
FACTORY
CALIBRATION
AND
FILTERING
X_ACCL_OUT
X_ACCL_LOW
XA_BIAS_HIGH
XA_BIAS_LOW
1 + X_ACCL_SCALE
Figure 23. User Calibration Signal Path, Gyroscopes
Manual Bias Correction
The xA_BIAS_HIGH (see Table 68, Table 69, and Table 70) and
xA_BIAS_LOW (see Table 71, Table 72, and Table 73) registers
provide a bias adjustment function for the output of each accel-
erometer sensor. The xA_BIAS_HIGH registers use the same
format as x_ACCL_OUT registers. The xA_BIAS_LOW
registers use the same format as x_ACCL_LOW registers.
Table 68. XA_BIAS_HIGH (Page 2, Base Address = 0x1E)
Bits
Description (Default = 0x0000)
[15:0]
X-axis accelerometer offset correction, high word;
twos complement, 0 g = 0x0000, 1 LSB = 0.25 mg
Table 69. YA_BIAS_HIGH (Page 2, Base Address = 0x22)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis accelerometer offset correction, high word;
twos complement, 0 g = 0x0000, 1 LSB = 0.25 mg
Table 70. ZA_BIAS_HIGH (Page 2, Base Address = 0x26)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis accelerometer offset correction, high word;
twos complement, 0 g = 0x0000, 1 LSB = 0.25 mg
Table 71. XA_BIAS_LOW (Page 2, Base Address = 0x1C)
Bits
Description (Default = 0x0000)
[15:0]
X-axis accelerometer offset correction, low word;
twos complement, 0 g = 0x0000,
1 LSB = 0.25 mg ÷ 216 = ~0.000003815 mg
Table 72. YA_BIAS_LOW (Page 2, Base Address = 0x20)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis accelerometer offset correction, low word;
twos complement, 0 g = 0x0000,
1 LSB = 0.25 mg ÷ 216 = ~0.000003815 mg
Table 73. ZA_BIAS_LOW (Page 2, Base Address = 0x24)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis accelerometer offset correction, low word;
twos complement, 0 g = 0x0000,
1 LSB = 0.25 mg ÷ 216 = ~0.000003815 mg
Manual Sensitivity Correction
The x_ACCL_SCALE registers enable sensitivity adjustment
(see Table 74, Table 75, Table 76).
Table 74. X_ACCL_SCALE (Page 2, Base Address = 0x0A)
Bits
Description (Default = 0x0000)
[15:0]
X-axis accelerometer scale correction; twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.003052%
Table 75. Y_ACCL_SCALE (Page 2, Base Address = 0x0C)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis accelerometer scale correction; twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.003052%
Table 76. Z_ACCL_SCALE (Page 2, Base Address = 0x0E)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis accelerometer scale correction; twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.003052%
Rev. E | Page 24 of 32


Similar Part No. - ADIS16485_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16485/PCBZ AD-ADIS16485/PCBZ Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485AMLZ AD-ADIS16485AMLZ Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485AMLZ AD-ADIS16485AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16485_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
   Tactical Grade, Ten Degrees of Freedom Inertial Sensor
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
   Compact, Precision, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com