Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF13-40DS-1.25H Datasheet(PDF) 8 Page - Hirose Electric

Part # DF13-40DS-1.25H
Description  1.25mm Pitch Miniature Crimping Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13-40DS-1.25H Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF13-40DS-1.25H Datasheet HTML 3Page - Hirose Electric DF13-40DS-1.25H Datasheet HTML 4Page - Hirose Electric DF13-40DS-1.25H Datasheet HTML 5Page - Hirose Electric DF13-40DS-1.25H Datasheet HTML 6Page - Hirose Electric DF13-40DS-1.25H Datasheet HTML 7Page - Hirose Electric DF13-40DS-1.25H Datasheet HTML 8Page - Hirose Electric DF13-40DS-1.25H Datasheet HTML 9Page - Hirose Electric DF13-40DS-1.25H Datasheet HTML 10Page - Hirose Electric DF13-40DS-1.25H Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
B190
sDouble Row Straight Pin Header (SMT)
s(Four-Wall Type Compliant to Emboss Absorption)
Part Number
DF13A-10DP-1.25V(**)
DF13A-20DP-1.25V(**)
DF13A-30DP-1.25V(**)
DF13A-40DP-1.25V(**)
DF13A-10DP-1.25V(**)
DF13A-20DP-1.25V(**)
DF13A-30DP-1.25V(**)
DF13A-40DP-1.25V(**)
CL No.
536-0510-8-**
536-0515-1-**
536-0520-1-**
536-0525-5-**
536-0600-9-**
536-0605-2-**
536-0610-2-**
536-0615-6-**
Number of
Contacts
10
20
30
40
10
20
30
40
A
12.1
18.35
24.6
30.85
12.1
18.35
24.6
30.85
B
5
11.25
17.5
23.75
5
11.25
17.5
23.75
C
8.7
14.95
21.2
27.45
8.7
14.95
21.2
27.45
D
7.5
13.75
20
26.25
Specification
(20)
K
K
K
K
Specification
(29)
K
K
K
K
Specification
(50)
K
K
K
K
K
K
K
K
Specification
(59)
K
K
K
K
K
K
K
K
Tube Package
Quantity
40 pcs
26
19
15
40
26
19
15
Emboss
Width
24
32
44
44
24
32
44
44
Remarks
With
boss
Without
boss
Unit: mm
BPCB mounting pattern
BTube Dimensions
Note 1.If the pattern exists in
the shaded area, and
isn't
treated
with
resist, it could touch
the connector contact.
Note 2.The hole isn't needed
at "Without boss".
[Specific No.] - **, (**)
(20): Tin plated tube packaging
(29): Tin plated embossed tape packaging
(50): Gold plated tube packaging
(59): Gold plated embossed tape packaging
Note 1.Please order the tube packaging product, multiplying the tube packaging quantity.
Note 2.Please order the embossed tape packaging product according to reel number. (1 reel: 1000 pcs.)
Note 3.The absorption cap is attached to the embossed tape packaging product.


Similar Part No. - DF13-40DS-1.25H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13-40DS-1.25C HIROSE-DF13-40DS-1.25C Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
More results

Similar Description - DF13-40DS-1.25H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C_1 Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
logo
YEONHO ELECTRONICS
12507TS YEONHO-12507TS Datasheet
216Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com