Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF22C-3S-7.92DS Datasheet(PDF) 2 Page - Hirose Electric

Part # DF22C-3S-7.92DS
Description  7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22C-3S-7.92DS Datasheet(HTML) 2 Page - Hirose Electric

  DF22C-3S-7.92DS Datasheet HTML 1Page - Hirose Electric DF22C-3S-7.92DS Datasheet HTML 2Page - Hirose Electric DF22C-3S-7.92DS Datasheet HTML 3Page - Hirose Electric DF22C-3S-7.92DS Datasheet HTML 4Page - Hirose Electric DF22C-3S-7.92DS Datasheet HTML 5Page - Hirose Electric DF22C-3S-7.92DS Datasheet HTML 6Page - Hirose Electric DF22C-3S-7.92DS Datasheet HTML 7Page - Hirose Electric DF22C-3S-7.92DS Datasheet HTML 8Page - Hirose Electric DF22C-3S-7.92DS Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
sProduct Specifications
Ratings
Current
rating
Voltage
rating
Specification
UL/C-UL
TÜV
AC/DC
1000V
AC/DC
600V
AC/DC
600V
Number of contacts
1
2
3
4
5
AWG10
30A
25A
25A
22A
22A
AWG12
25A
20A
20A
18A
18A
AWG14
20A
18A
18A
15A
15A
AWG16
15A
15A
15A
13A
13A
Operating temperature range
Operating humidity range
Storage temperature range
Storage humidity range
UL/C-UL/TÜV
File No. and Recognition No.
UL
: E52653
C-UL
: E52653
TÜV
: R9950703
-35ç to 85ç (Note 1)
20% to 80%
-10ç to 60ç (Note 2)
40% to 70% (Note 2)
20mV max., 1mA
1000 V DC
2500 V AC for 1 minute
Measured with a steel pin of 1.6 x 0.8 ± 0.002 thickness
30 cycles
Frequency 10 to 55 Hz, single amplitude of 0.75 mm, 3 axis, duration of 2 hours
Acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 3 cycles in each of the 3 axis.
Temperature 40ç± 2ç, 90% to 95% RH, 96 hours
(-55ç: 30 minutes➝ 5 to 35ç: 5 minutes➝85ç: 30 minutes➝5 to 35ç: 5 minutes) for 5 cycles
Contact resistance(Initial value): 5 m ohms max.
1000 M ohms min.
No flashover or Insulator breakdown
0.3N min., 5N max.
Contact resistance of 10 m ohms max.
No electrical discontinuity of 1 µs. min.
No electrical discontinuity of 1 µs. min.
Contact resistance 10 m ohms max.
Contact resistance of 10 m ohms max.
No deformation of the insulator parts affecting performance
1. Contact resistance
2. Insulator resistance
3. Withstanding voltage
4. Insertion-Extraction force (per contact)
5. Durability (mating/unmating)
6. Vibration
7. Shock
8. Humidity
9. Temperature cycle
10. Resistance to Soldering heat
Item
Specification
Condition
sOrdering Information
DF22 B L - 2 S - 7.92 C
1
4
3
6
2
5
7
Number of contacts : 1 to 5
Contact pitch
: 7.92 mm
Type of housing
C
: Crimp housing
DSA
: Straight header
DS
: Right-angle header
No letter : Retainer
Connector type
S
: Socket
DS
: Double-row socket
P
: Header
EP
: In-line plug
DEP
: Double-row in-line plug
RS/P
: Retainer
Series name: DF22
Guide key type
Blank : Inside (Color: natural)
R : Right side (Color: black)
L : Left side (Color: red)
Form Type
Sockets
Blank : Standard height, standard lock (Type I)
B: Long type, standard lock (Type III)
C: Long type, ergonomic lock (Type IV)
In-line Plugs
Blank : With panel stop
A : Without panel stop
Applicable Cable
Blank : UL1430
A
: UL1015
Applicable Conductor
1416 : AWG 14 to AWG 16
1012 : AWG 10 to AWG 12
Packaging
SCF : Socket contacts / Reel
SC
: Socket contacts / Bag
PCF : In-line plug contacts / Reel
PC
: In-line plug contacts / Bag
1
4
5
6
7
8
9
10
2
3
Note 1: Current rating of header is 30A (1 pos.) and 25A (2 to 5 pos.)
Note 2: Includes temperature rise caused by the current flow.
Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity
range covers non- conducting condition of installed connectors in storage, shipment or during transportation.
Note 1: Standard Color, colors of the differing coupling forms are black for DF22R and red for DF22L.
Note 2: Hirose Electric's plating incorporate anti-whisking compounds.
sMaterials
Remarks
UL94V-0
----------
UL94V-0
----------
Product
Part
Material
Finish
Sockets
Crimp contacts
Headers
Insulator
Contacts
Insulator
Contacts
Polyamide
High conductivity copper alloy
Polyamide (Glass reinforced)
High conductivity copper alloy
Color: Natural white
(Note 1)
Tin-lead plated
(Note 2)
Color: Natural beige
(Note 1)
Tin-lead plated
(Note 2)
qSocket, Header
DF22 A - 1416 SCF
1
9
8
10
qContacts
Re-flow solder temperature 250ç, for 10 seconds
Manual soldering: Soldering iron temperature 300ç, 3 seconds


Similar Part No. - DF22C-3S-7.92DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22C-3S-7.92C HIROSE-DF22C-3S-7.92C Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22C-3S-7.92C HIROSE-DF22C-3S-7.92C Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
More results

Similar Description - DF22C-3S-7.92DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
List of Unclassifed Man...
CBS1002415 ETC2-CBS1002415 Datasheet
119Kb / 3P
   UL60950, C-UL (CSA60950) recognized, TUV approved
logo
SUN HOLD ELECTRIC INC
RAS-0310AL1 SUNHOLD-RAS-0310AL1 Datasheet
1Mb / 4P
   UL,CUL & TUV safety approval.
logo
Hirose Electric
DF22 HIROSE-DF22 Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
logo
Tyco Electronics
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
   SOLAR CABLE, UL-LISTED, 12AWG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com