Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CK45E3FD102KYGNA Datasheet(PDF) 8 Page - TDK Electronics

Part # CK45E3FD102KYGNA
Description  High Voltage Ceramic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CK45E3FD102KYGNA Datasheet(HTML) 8 Page - TDK Electronics

Back Button CK45E3FD102KYGNA Datasheet HTML 3Page - TDK Electronics CK45E3FD102KYGNA Datasheet HTML 4Page - TDK Electronics CK45E3FD102KYGNA Datasheet HTML 5Page - TDK Electronics CK45E3FD102KYGNA Datasheet HTML 6Page - TDK Electronics CK45E3FD102KYGNA Datasheet HTML 7Page - TDK Electronics CK45E3FD102KYGNA Datasheet HTML 8Page - TDK Electronics CK45E3FD102KYGNA Datasheet HTML 9Page - TDK Electronics CK45E3FD102KYGNA Datasheet HTML 10Page - TDK Electronics CK45E3FD102KYGNA Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
(8/11)
20160219 / leaddisc_commercial_ck45_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
CK45 Type
CAPACITANCE AND DIMENSIONS
Temperature Characteristics: E (+20, –55%)
Rated Voltage Edc: 1kV
* The part numbers are TDK’s standard specification products.
The " □ " of the Part Number contains the lead type, G, N or V. Please refer to the details of each shape is shown below.
Please refer to P-11 about the taping dimemsions.
LIST OF STANDARD LEAD SHAPES
Dimemsions in mm
• TDK’s standard product is vertical kink.
• TDK’s recommendation is short lead type with the symbol N for bulk products.
Capacitance
(pF)
Capacitance
tolerance
Dimensions (mm)
Taping
dimensions
Part No.
D max.
T max.
F
(Applied to bulk)
F
(Applied to taping)
d
470
+80, –20%
5.5
5.0
5.0±1.5
5.0+0.8, –0.2
0.6±0.05
V1
CK45-E3AD471ZY
□NA
1,000
+80, –20%
5.5
5.0
5.0±1.5
5.0+0.8, –0.2
0.6±0.05
V1
CK45-E3AD102ZY
□NA
2,200
+80, –20%
6.5
5.0
5.0±1.5
5.0+0.8, –0.2
0.6±0.05
V1
CK45-E3AD222ZY
□NA
4,700
+80, –20%
8.5
5.0
5.0±1.5
5.0+0.8, –0.2
0.6±0.05
V1
CK45-E3AD472ZY
□NA
10,000
+80, –20%
11.5
5.0
7.5±1.5
7.5±0.8
0.6±0.05
V2
CK45-E3AD103ZY
□NA
Symbol G
Bulk/Long lead
Symbol N
Bulk/Short lead
Symbol V
Taping
Vertical kink
D
F
d
T
D
T
F
d
D
T
F
d


Similar Part No. - CK45E3FD102KYGNA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA_17 Datasheet
89Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-B3AD101KYN TDK-CK45-B3AD101KYN Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
CK45-B3AD101KYNA TDK-CK45-B3AD101KYNA Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
CK45-B3AD101KYNN TDK-CK45-B3AD101KYNN Datasheet
38Kb / 2P
   Mid-high Voltage Ceramic Capacitors
CK45-B3AD101KYNNA TDK-CK45-B3AD101KYNNA Datasheet
89Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results

Similar Description - CK45E3FD102KYGNA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
CD85-B2GA471KYGKA TDK-CD85-B2GA471KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD90ZU2GA222MYGKA TDK-CD90ZU2GA222MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD80ZU2GA152MYGKA TDK-CD80ZU2GA152MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
C41E2 MURATA-C41E2 Datasheet
310Kb / 20P
   HIGH VOLTAGE CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com