Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16480BMLZ Datasheet(PDF) 42 Page - Analog Devices

Part # ADIS16480BMLZ
Description  Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16480BMLZ Datasheet(HTML) 42 Page - Analog Devices

Back Button ADIS16480BMLZ Datasheet HTML 36Page - Analog Devices ADIS16480BMLZ Datasheet HTML 37Page - Analog Devices ADIS16480BMLZ Datasheet HTML 38Page - Analog Devices ADIS16480BMLZ Datasheet HTML 39Page - Analog Devices ADIS16480BMLZ Datasheet HTML 40Page - Analog Devices ADIS16480BMLZ Datasheet HTML 41Page - Analog Devices ADIS16480BMLZ Datasheet HTML 42Page - Analog Devices ADIS16480BMLZ Datasheet HTML 43Page - Analog Devices ADIS16480BMLZ Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
ADIS16480
Data Sheet
Rev. E | Page 42 of 44
APPLICATIONS INFORMATION
MOUNTING TIPS
For best performance, follow these simple rules when installing
the ADIS16480 into a system:
1.
Eliminate opportunity for translational force (x-axis and
y-axis direction, see Figure 6 ) application on the electrical
connector.
2.
Isolate mounting force to the four corners, on the part of
the package surface that surrounds the mounting holes.
3.
Use uniform mounting forces on all four corners. The
suggested torque setting is 40 inch-ounces (0.285 N-m).
These three rules help prevent nonuniform force profiles, which
can warp the package and introduce bias errors in the sensors.
Figure 27 provides an example that leverages washers to set the
package off the mounting surface and uses 2.85 mm pass-through
holes and backside washers/nuts for attachment. Figure 28 and
Figure 29 provide some details for mounting hole and connector
alignment pin drill locations. For more information on mounting
the ADIS16480, see the AN-1295 Application Note.
MOUNTING SCREWS
M2 × 0.4mm, 4×
WASHERS (OPTIONAL)
M2, 4×
ADIS16480
WASHERS (OPTIONAL)
M2, 4×
NUTS
M2 × 0.4mm, 4×
MATING CONNECTOR
CLM-112-02
PCB
PASS-THROUGH HOLES
DIAMETER ≥ 2.85mm
SPACERS/WASHERS
SUGGESTED, 4×
Figure 27. Mounting Example
0.560 BSC 2×
ALIGNMENT HOLES
FOR MATING SOCKET
PASS-THROUGH HOLE
FOR MOUNTING SCREWS
DIAMETER OF THE HOLE
MUST ACCOMMODATE
DIMENSIONAL TOLERANCE
BETWEEN THE CONNECTOR
AND HOLES.
19.800 BSC
39.600 BSC
5BSC
5BSC
NOTES
1. ALL DIMENSIONS IN mm UNITS.
2. THE CONNECTOR FACES DOWN AND ARE NOT VISIBLE FROM THIS VIEW.
ADIS16480 OUTLINE
Figure 28. Suggested PCB Layout Pattern, Connector Down
0.4334 [11.0]
0.0240 [0.610]
0.019685
[0.5000]
(TYP)
0.054 [1.37]
0.0394 [1.00]
0.0394 [1.00] 0.1800
[4.57]
NONPLATED
THROUGH HOLE 2×
0.022±
DIA (TYP)
0.022 DIA THROUGH HOLE (TYP)
NONPLATED THROUGH HOLE
Figure 29. Suggested Layout and Mechanical Design When Using Samtec P/N
CLM-112-02-G-D-A for the Mating Connector


Similar Part No. - ADIS16480BMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480/PCBZ AD-ADIS16480/PCBZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16480BMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
   Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
   Tactical Grade, Ten Degrees of Freedom Inertial Sensor
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
   Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16489 AD-ADIS16489 Datasheet
992Kb / 40P
   Seven Degrees of Freedom Inertial Sensor
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com