Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21587 Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-21587
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21587 Datasheet(HTML) 4 Page - Analog Devices

  ADSP-21587 Datasheet HTML 1Page - Analog Devices ADSP-21587 Datasheet HTML 2Page - Analog Devices ADSP-21587 Datasheet HTML 3Page - Analog Devices ADSP-21587 Datasheet HTML 4Page - Analog Devices ADSP-21587 Datasheet HTML 5Page - Analog Devices ADSP-21587 Datasheet HTML 6Page - Analog Devices ADSP-21587 Datasheet HTML 7Page - Analog Devices ADSP-21587 Datasheet HTML 8Page - Analog Devices ADSP-21587 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 168 page
background image
Rev. PrF
|
Page 4 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
Table 2. Processor Comparison
Processor Feature
ADSP-
SC582
ADSP-
SC583
ADSP-
SC584
ADSP-
SC587
ADSP-
SC589
ADSP-
21583
ADSP-
21584
ADSP-
21587
ARM Cortex-A5 (MHz max)
450
450
450
450
450
ARM Core L1 Cache (I, D kB)
32, 32
32, 32
32, 32
32, 32
32, 32
ARM Core L2 Cache (kB)
256
256
256
256
256
SHARC+ Core1 (MHz max)
450
450
450
450
450
450
450
450
SHARC+ Core2 (MHz max)
450
450
450
450
450
450
450
SHARC L1 SRAM/core (kB)
640
384
640
640
640
384
640
640
L2 SRAM (shared) (kB)
256
256
256
256
256
256
256
256
L2 ROM (shared) (kB)
512
512
512
512
512
512
512
512
DDR3/DDR2/LPDDR1
Controller (16-bit)
1112
2
1
1
2
USB 2.0 HS + PHY (host/device/OTG)
1111
1
USB 2.0 HS + PHY (host/device)
1
1
10/100 Std EMAC
1
1
10/100/1000 Std/AVB EMAC + Timer
IEEE-1588
1111
1
SDIO/eMMC
–––
1
1
PCIe 2.0 (1 Lane)
––––
1
Real Time Clock (RTC)
1
1
1
GPIO + DAI Pins
80 + 28
80 + 28
80 + 28
102 + 40
102 + 40
80 + 28
80 + 28
102 + 40
Package Options: 19 mm × 19 mm
349-BGA
349-BGA
349-BGA
529-BGA
529-BGA
349-BGA
349-BGA
529-BGA
Table 3. Processor Comparison for Automotive
Processor Feature
ADSP-SC583W ADSP-SC584W ADSP-SC587W ADSP-SC589W ADSP-21583W ADSP-21584W
ARM Cortex-A5 (MHz max)
450
450
450
450
ARM Core L1 Cache (I, D kB)
32, 32
32, 32
32, 32
32, 32
ARM Core L2 Cache (kB)
256
256
256
256
SHARC+ Core1 (MHz max)
450
450
450
450
450
450
SHARC+ Core2 (MHz max)
450
450
450
450
450
450
SHARC L1 SRAM/core (kB)
384
640
640
640
384
640
L2 SRAM (shared) (kB)
256
256
256
256
256
256
L2 ROM (shared) (kB)
512
512
512
512
512
512
DDR3/DDR2/LPDDR1
Controller (16-bit)
1122
1
1
USB 2.0 HS + PHY (host/device/OTG)
1111
USB 2.0 HS + PHY (host/device)
1
1
10/100 Std EMAC
1
1
10/100/1000 Std/AVB EMAC + Timer
IEEE-1588
1111
SDIO/eMMC
1
1
PCIe 2.0 (1 Lane)
1
MLB 3-pin/6-pin
1111
1
1
Real Time Clock (RTC)
1
1
GPIO + DAI Pins
80 + 28
80 + 28
102 + 40
102 + 40
80 + 28
80 + 28
Package Options: 19 mm × 19 mm
349-BGA
349-BGA
529-BGA
529-BGA
349-BGA
349-BGA


Similar Part No. - ADSP-21587

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21587 AD-ADSP-21587 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21587BBCZ-4B AD-ADSP-21587BBCZ-4B Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21587BBCZ-5B AD-ADSP-21587BBCZ-5B Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21587KBCZ-4B AD-ADSP-21587KBCZ-4B Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21587KBCZ-5B AD-ADSP-21587KBCZ-5B Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
More results

Similar Description - ADSP-21587

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
   SHARC Dual-Core DSP with Arm Cortex-A5
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
   SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
logo
NXP Semiconductors
SAC57D54H NXP-SAC57D54H Datasheet
1Mb / 77P
   ARM??Cortex-A5, 32-bit CPU
Rev. 7, 05/2017
logo
List of Unclassifed Man...
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
A10S ETC2-A10S Datasheet
1Mb / 82P
   ARM Cortex-A8 Core
DE10-NANO ETC-DE10-NANO Datasheet
7Mb / 118P
   Cyclone V SoC with Dual-core ARM Cortex-A9
logo
Rockchip Electronics Co...
RV1108 ROCKCHIP-RV1108 Datasheet
2Mb / 68P
   Single-core ARM Cortex-A7 Core processor
Revision 1.4 June. 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com