Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF51A Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # SMF51A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SMF51A Datasheet(HTML) 3 Page - Nanjing International Group Co

  SMF51A Datasheet HTML 1Page - Nanjing International Group Co SMF51A Datasheet HTML 2Page - Nanjing International Group Co SMF51A Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG.1 - PULSE DERATING CURVE
FIG.2 - 10 x 1000 s PULSE WAVEFORM
0
25
50
75
100
125
150
Ta, AMBIENT TEMPERATURE, (
°C)
t, TIME (ms)
FIG.3 - STEADY STATE POWER DERATING
FIG.4 - PULSE RATING CURVE
FIG.5 - 8 x 20 s PULSE WAVEFORM
FIG. 6 - CAPACITANCE VS. WORKING PEAK
REVERSE VOLTAGE
0
20
40
60
80
Rev. 00 : February 28, 2007
RATING AND CHARACTERISTIC CURVES ( SFM5.0A - SFM170A )
1000
100
10
1
1
10
100
200
WORKING PEAK REVERSE VOLTAGE (V)
80
60
40
20
120
4.0
10000
1000
0
0
50
1.0
3.0
0
10
2.0
100
tp, PULSE WIDTH
100
100
2
4
0
1
3
125
150
25
50
75
100
175
0.1 s
1.0 s
10 s
100 s
10ms
1.0ms
TL, LEAD TEMPERATURE ( C)
50
100
0
tr
Peak Value IRSM @ 8 s
Pulse Width (tp) is defined
as that point where the peak
current decays = 8 s
tp
Half Value IRSM/ 2 @ 20 s
t, TIME ( s)
Measured @ 50 %VRWM
Measured @ Zero Bias
Peak Value - IRSM
tr
Pulse Width (tp) is defined
as that point where the peak
current decays to 50% of IRSM
Half Value - IRSM
2
tp
tr
10 s
Ta = 25 °C
MF170A
S
S F
M 5.0A -


Similar Part No. - SMF51A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF51A VISHAY-SMF51A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
UN Semiconducctor INC
SMF51A UNSEMI-SMF51A Datasheet
3Mb / 7P
   3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Diotec Semiconductor
SMF51A DIOTEC-SMF51A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
SMF51A VISHAY-SMF51A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
Guangdong Juxing Electr...
SMF51A JUXING-SMF51A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 200W
More results

Similar Description - SMF51A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com