Electronic Components Datasheet Search |
|
DF22L-4S-7.92DS Datasheet(PDF) 9 Page - Hirose Electric |
|
DF22L-4S-7.92DS Datasheet(HTML) 9 Page - Hirose Electric |
9 / 15 page 9 BPanel Cutout (Panel mount type) 11±0.2 19.76 +0.1 0 (23.72-X) +0.1 0 17.62 +0.1 0 sIn-line Double-row socket Note: Bag packaging (100 pieces/bag). Order by number of bags. CL No. Part Number Number of contacts Lock type DF22B-4DS-7.92C DF22C-4DS-7.92C 4 4 Standard lock Enhanced ergonomic lock Standard Type (Guide Key: Inside, Color: White) 680-1142-8 680-1082-8 CL No. Part Number Number of contacts Lock type DF22BR-4DS-7.92C DF22CR-4DS-7.92C 4 4 Standard lock Enhanced ergonomic lock R Type (Guide Key: Right Side, Color: Black) 680-1156-2 680-1084-3 CL No. Part Number Number of contacts Lock type DF22BL-4DS-7.92C DF22CL-4DS-7.92C 4 4 Standard lock Enhanced ergonomic lock L Type (Guide Key: Left Side, Color: Red) 680-1161-2 680-1151-9 7.92 15.5 Contact No.1 No. of contacts indicator Contact No.1 indicator Cavity No. (22.49) (21.29) A 1 3 2 4 Enhanced ergonomic lock Standard lock sIn-line Double-row Plug Note: Bag packaging (100 pieces/bag). Order by number of bags. CL No. Part Number Number of contacts Connector type DF22-4DEP-7.92C DF22A-4DEP-7.92C 4 4 With snap-in tabs Without snap-in tabs Standard Type (Guide Key: Inside, Color: White) 680-1051-4 680-1056-8 CL No. Part Number Number of contacts Connector type DF22R-4DEP-7.92C DF22AR-4DEP-7.92C 4 4 With snap-in tabs Without snap-in tabs R Type (Guide Key: Right Side, Color: Black) 680-1170-3 680-1184-8 CL No. Part Number Number of contacts Connector type DF22L-4DEP-7.92C DF22AL-4DEP-7.92C 4 4 With snap-in tabs Without snap-in tabs L Type (Guide Key: Left Side, Color: Red) 680-1175-7 680-1189-1 17.22 10.5 7.92 Cavity No. No. of contacts indicator Contact No.1 indicator Contact No.1 indicator Contact No.1 24.22 33 17.22 10.5 7.92 Cavity No. No. of contacts indicator Contact No.1 1 2 3 4 4 A 1 2 3 4 4 A Shown with terminated and installed contacts. Panel thickness X 2.0 1.6 1.2 0.8 0.48 0.96 1.44 1.92 Shown with terminated and installed contacts. |
Similar Part No. - DF22L-4S-7.92DS |
|
Similar Description - DF22L-4S-7.92DS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |