Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ-030C-SMT Datasheet(PDF) 1 Page - CUI INC

Part # PJ-030C-SMT
Description  1.0mm SURFACE MOUNT POWER JACK
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-030C-SMT Datasheet(HTML) 1 Page - CUI INC

  PJ-030C-SMT Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.5 0.138
5.4 0.213
3.5 0.138
4.5 0.177
11.0 0.433
13.5 0.531
1.0 0.039
(2 PLCS)
+0.10
-0.00
4.9 0.193
(2 PLCS)
10.3 0.406
(2 PLCS)
2.20 0.087
(5 PLCS)
2.50 0.098
4.50 0.177
CENTER PIN DIAMETER 1.0mm Dia.
SCHEMATIC
MODEL NO.
3
2
1
PJ-030C-SMT
5.50 0.217
4.20 0.165
1.0 0.039
4.70 0.185
0.10 0.004
(TYP)
0.07
7.4 0.291
0.8 0.031
(2 PLCS)
+0.00
-0.10
0.80 0.031
(2 PLCS)
2
3
1
4
4
9.5 0.374
11.4 0.449
1.5 0.059
2.50 0.098
4.50 0.177
9.00 0.354
(2 PLCS)
0.30
1.00 0.039
(5 PLCS)
3.5 0.138
(2 PLCS)
4.5 0.177
5.4 0.213
1
3
2
4
4
PCB LAYOUT
TOP VIEW
REV.
DESCRIPTION
DATE
A
NEW DRAWING
2/1/2007
1.0mm SURFACE MOUNT POWER JACK
COPYRIGHT 2007 BY CUI INC.
TITLE:
MM [INCHES]
SCALE:
PJ-030C-SMT
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
4:1
PJ-030C-SMT
TOLERANCE:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
REV:
A
MATERIAL
TERMINAL 1
HOUSING
COVER
PLATING
PA6T
SPECIFICATIONS:
RATING: 16V DC @ 2A
CONTACT RESISTANCE: 50m OHMS MAX
INSULATION RESISTANCE: 100M OHMS MIN: 500V DC
VOLTAGE WITHSTAND: 500V AC R.M.S. FOR 1 MINUTE
LIFE: 5,000 CYCLES
OPERATING TEMP: -25°
~ +85°C
Silver
PA6T
Brass
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Website: www.cui.com
RoHS
Cold Rolled Steel
Tin
SHIELD 4
Copper
Nickel
CENTER PIN
Brass
Silver
TERMINAL 3
Copper Alloy
Silver
TERMINAL 2
For more information, please visit the product page
|
For information on related products, view External Power Supplies


Similar Part No. - PJ-030C-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-030C CUI-PJ-030C Datasheet
282Kb / 3P
   DC POWER JACK
PJ-030CH CUI-PJ-030CH Datasheet
281Kb / 3P
   DC POWER JACK
PJ-030CH-SMT CUI-PJ-030CH-SMT Datasheet
213Kb / 3P
   DC POWER JACK
PJ-030CH-SMT-TR CUI-PJ-030CH-SMT-TR Datasheet
312Kb / 4P
   DC POWER JACK
More results

Similar Description - PJ-030C-SMT

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
FMX-635 CALIBER-FMX-635 Datasheet
45Kb / 1P
   1.0mm Ceramic Surface Mount Crystal
logo
List of Unclassifed Man...
FMX-635EG20C1 ETC2-FMX-635EG20C1 Datasheet
39Kb / 1P
   1.0mm Ceramic Surface Mount Crystal
logo
LUMEX INC.
SML-LX0402SIC-TR LUMEX-SML-LX0402SIC-TR Datasheet
61Kb / 1P
   1.0mm x 0.5mm SURFACE MOUNT LED
SML-LXT0402USBC-TR LUMEX-SML-LXT0402USBC-TR Datasheet
65Kb / 1P
   1.0mm X 0.5mm SURFACE MOUNT LED
SML-LX0402YC-TR LUMEX-SML-LX0402YC-TR Datasheet
58Kb / 1P
   1.0mm x 0.5mm SURFACE MOUNT LED
SML-LX0402UPGC-TR LUMEX-SML-LX0402UPGC-TR Datasheet
62Kb / 1P
   1.0mm x 0.5mm SURFACE MOUNT LED
SML-LX0603GW-TR LUMEX-SML-LX0603GW-TR Datasheet
62Kb / 1P
   1.0mm x 0.5mm SURFACE MOUNT LED
SML-LX0402USBC-TR LUMEX-SML-LX0402USBC-TR Datasheet
60Kb / 1P
   1.0mm x 0.5mm SURFACE MOUNT LED
SML-LX0402SOC-TR LUMEX-SML-LX0402SOC-TR Datasheet
61Kb / 1P
   1.0mm x 0.5mm SURFACE MOUNT LED
SML-LX0402SUGC-TR LUMEX-SML-LX0402SUGC-TR Datasheet
61Kb / 1P
   1.0mm x 0.5mm SURFACE MOUNT LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com