Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF07A Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # UF07A
Description  1 Amp Ultra Fast Recovery
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

UF07A Datasheet(HTML) 2 Page - Nanjing International Group Co

  UF07A Datasheet HTML 1Page - Nanjing International Group Co UF07A Datasheet HTML 2Page - Nanjing International Group Co UF07A Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UF
07A THRU UF07M
Average Forward Rectified Current - Amperes
versus
Lead Temperature -
°C
Figure 2
Forward Derating Curve
0
150
25
50
75
100
0
.2
.4
.6
.8
1.0
1.2
1.4
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
125
1.6
1.8
2.0
2.2
2.4
Instantaneous Forward Current - Amperes
versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.8
1.0
1.2
1.4
1.6
1.8
.01
.02
.04
.06
.1
.2
.4
.6
1
2
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
Junction Capacitance - pF
versus
Reverse Voltage - Volts
pF
Volts
60
40
4
400
1000
TJ=25
°C; f=1MHZ
UF07A--UF07G
UF07J-UF07M
UF07A-07D
TJ=25
°C
UF07G
UF07J-07M


Similar Part No. - UF07A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
UF07A TAYCHIPST-UF07A Datasheet
3Mb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
UF07A LUGUANG-UF07A Datasheet
218Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
UF07A CHENDA-UF07A Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Diode Semiconductor Kor...
UF07A DSK-UF07A Datasheet
266Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
SUNMATE electronic Co.,...
UF07A SUNMATE-UF07A Datasheet
322Kb / 2P
   SUFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
More results

Similar Description - UF07A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
US1001FL DGNJDZ-US1001FL Datasheet
292Kb / 3P
   1 Amp Ultra Fast Recovery
UFM11 DGNJDZ-UFM11 Datasheet
962Kb / 3P
   1 Amp Ultra Fast Recovery
logo
Micro Commercial Compon...
ER1A MCC-ER1A_06 Datasheet
263Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier Silicon Rectifier
logo
Solid States Devices, I...
SDR1A SSDI-SDR1A Datasheet
125Kb / 2P
   1 AMP ULTRA FAST RECOVERY RECTIFIER 50-1200 VOLTS
logo
Nanjing International G...
DSF1A DGNJDZ-DSF1A Datasheet
336Kb / 2P
   1 Amp Super Fast Recovery
logo
List of Unclassifed Man...
1N4933 ETC-1N4933 Datasheet
764Kb / 1P
   1 AMP FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
MFS112 MICROSEMI-MFS112 Datasheet
102Kb / 2P
   1 AMP FAST RECOVERY RECTIFIER
logo
Fuji Electric
PR1001 FUJI-PR1001 Datasheet
769Kb / 1P
   1 AMP FAST RECOVERY RECTIFIER
logo
New Jersey Semi-Conduct...
1N5615 NJSEMI-1N5615 Datasheet
104Kb / 1P
   RECTIFIERS Fast Recovery, 1 Amp
logo
Nanjing International G...
SFM11PL DGNJDZ-SFM11PL Datasheet
105Kb / 2P
   1 Amp Super Fast Recovery
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com