Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4004S Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # 1N4004S
Description  1A, 50V - 1000V Silicon Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

1N4004S Datasheet(HTML) 1 Page - Taiwan Memory Technology

  1N4004S Datasheet HTML 1Page - Taiwan Memory Technology 1N4004S Datasheet HTML 2Page - Taiwan Memory Technology 1N4004S Datasheet HTML 3Page - Taiwan Memory Technology 1N4004S Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- High efficiency, low VF
- High current capability
- High reliability
- High surge current capability
- Low power loss
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Pure tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
CJ
pF
RθJA
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1402005
Version: F15
A-405
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
1.0
μA
15
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300 μs, 1% duty cycle
IR
5
50
A
Maximum instantaneous forward voltage (Note 1)
@ 1 A
VF
V
Note 2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Typical junction capacitance (Note 2)
Typical thermal resistance
50
Operating junction temperature range
- 55 to +150
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
1N
4004S
1N
4005S
1N
4006S
1N
4007S
UNIT
Maximum repetitive peak reverse voltage
MECHANICAL DATA
Case:
A-405
Weight:
0.2g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
1N
4001S
1N
4002S
1N
4003S
1N4001S - 1N4007S
Taiwan Semiconductor
1A, 50V - 1000V Silicon Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC


Similar Part No. - 1N4004S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4004S PANJIT-1N4004S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
1N4004S DIOTEC-1N4004S Datasheet
129Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Diotech Company.
1N4004S DIOTECH-1N4004S Datasheet
666Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Compact Technology Corp...
1N4004S CTC-1N4004S Datasheet
73Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Transys Electronics
1N4004S TRSYS-1N4004S Datasheet
148Kb / 3P
   PLASTIC SILICON RECTIFIER
More results

Similar Description - 1N4004S

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
1T1G TMT-1T1G_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
1N4001G TMT-1N4001G_16 Datasheet
172Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
S1A TMT-S1A_16 Datasheet
364Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
S1AB TMT-S1AB_16 Datasheet
189Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
   1A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
1N5400 TMT-1N5400_16 Datasheet
173Kb / 4P
   3A, 50V - 1000V Silicon Rectifiers
logo
Harris Corporation
A14A HARRIS-A14A Datasheet
302Kb / 3P
   1A, 50V - 1000V Diode
December 1993
logo
Taiwan Semiconductor Co...
HER101SG TSC-HER101SG_15 Datasheet
385Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifiers
logo
Taiwan Memory Technolog...
FR101G TMT-FR101G_16 Datasheet
351Kb / 4P
   1A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
1N4001G-K TSC-1N4001G-K Datasheet
391Kb / 5P
   1A, 50V - 1000V Standard Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com