Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1601 Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # GP1601
Description  16A, 50V - 1000V Glass Passivated Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

GP1601 Datasheet(HTML) 3 Page - Taiwan Memory Technology

  GP1601 Datasheet HTML 1Page - Taiwan Memory Technology GP1601 Datasheet HTML 2Page - Taiwan Memory Technology GP1601 Datasheet HTML 3Page - Taiwan Memory Technology GP1601 Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
-
10.50
-
0.413
B
2.62
3.44
0.103
0.135
C
2.80
4.20
0.110
0.165
D
0.68
0.94
0.027
0.037
E
3.54
4.00
0.139
0.157
F
14.60
16.00
0.575
0.630
G
13.19
14.79
0.519
0.582
H
2.41
2.67
0.095
0.105
I
4.42
4.76
0.174
0.187
J
1.14
1.40
0.045
0.055
K
5.84
6.86
0.230
0.270
L
2.20
2.80
0.087
0.110
M
0.35
0.64
0.014
0.025
N
1.14
1.77
0.045
0.070
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Version: F1511
MARKING DIAGRAM
GP1601 - GP1607
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
TO-220AB
DIM.
Unit (mm)
Unit (inch)
0
20
40
60
80
100
120
110
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vslg=50mVp-p


Similar Part No. - GP1601

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GP1601 TSC-GP1601 Datasheet
91Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
GP1601 TSC-GP1601 Datasheet
344Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
logo
RFE international
GP1601 RFE-GP1601 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
GP1601 TSC-GP1601 Datasheet
528Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
logo
Thinki Semiconductor Co...
GP1601 THINKISEMI-GP1601 Datasheet
307Kb / 2P
   16.0 Ampere Dual Common Cathode General Purpose Rectifier Diodes
More results

Similar Description - GP1601

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
1T1G TMT-1T1G_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
GP1001 TMT-GP1001_16 Datasheet
202Kb / 4P
   10A, 50V - 1000V Glass Passivated Rectifiers
1N4001G TMT-1N4001G_16 Datasheet
172Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS6P01G TMT-TS6P01G_16 Datasheet
206Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
   1A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G_16 Datasheet
207Kb / 4P
   15A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS25P04G-K TSC-TS25P04G-K_16 Datasheet
207Kb / 4P
   25A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS8P01G TMT-TS8P01G_16 Datasheet
341Kb / 4P
   8A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS20P01G TSC-TS20P01G_16 Datasheet
206Kb / 4P
   20A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com