Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2A Datasheet(PDF) 4 Page - Taiwan Memory Technology

Part # S2A
Description  2A, 50V - 1400V Surface Mount Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S2A Datasheet(HTML) 4 Page - Taiwan Memory Technology

  S2A_16 Datasheet HTML 1Page - Taiwan Memory Technology S2A_16 Datasheet HTML 2Page - Taiwan Memory Technology S2A_16 Datasheet HTML 3Page - Taiwan Memory Technology S2A_16 Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CREAT BY ART
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_D1410014
Version: K15
S2A - S2V
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


Similar Part No. - S2A_16

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
S2A CHONGQING-S2A_16 Datasheet
177Kb / 1P
   1.5AMPS. SURFACE MOUNT RECTIFIERS
More results

Similar Description - S2A_16

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S2AH TSC-S2AH Datasheet
560Kb / 6P
   2A, 50V - 1400V Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S2AH TS-S2AH Datasheet
560Kb / 6P
   2A, 50V - 1400V Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
DBL201G TSC-DBL201G_16 Datasheet
185Kb / 4P
   2A, 50V - 1400V Glass Passivated Bridge Rectifiers
DBLS201G TSC-DBLS201G_16 Datasheet
204Kb / 4P
   2A, 50V - 1400V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
S2AA TMT-S2AA_16 Datasheet
365Kb / 4P
   2A, 50V - 1000V Surface Mount Rectifiers
logo
Chip Integration Techno...
SKL26CG CITC-SKL26CG Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
GS2AA CITC-GS2AA Datasheet
91Kb / 3P
   2A Surface Mount General Purpose Rectifiers
GS2AAS CITC-GS2AAS Datasheet
458Kb / 3P
   2A Surface Mount General Purpose Rectifiers
SK22A CITC-SK22A Datasheet
164Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SK22AS CITC-SK22AS Datasheet
459Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com