Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5A Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # S5A
Description  5A, 50V - 1000V Surface Mount Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S5A Datasheet(HTML) 1 Page - Taiwan Memory Technology

  S5A Datasheet HTML 1Page - Taiwan Memory Technology S5A Datasheet HTML 2Page - Taiwan Memory Technology S5A Datasheet HTML 3Page - Taiwan Memory Technology S5A Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated chip junction
- Ideal for automated placement
- Low forward voltage drop
- High current capability
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
trr
μs
CJ
pF
TJ
°C
TSTG
°C
Document Number: DS_D1410020
Version: C15
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
°C/W
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Typical reverse recovery time (Note 2)
1.5
Typical junction capacitance (Note 3)
60
Typical thermal resistance
RθJL
RθJA
13
47
A
Maximum instantaneous forward voltage (Note 1)
IF= 5 A
VF
1.15
V
IR
10
μA
250
S5G
Maximum DC blocking voltage
Maximum average forward rectified current
5
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
S5M UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
PARAMETER
SYMBOL S5A S5B S5D
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
DO-214AB (SMC)
Case:
DO-214AB (SMC)
Polarity:
Indicated by cathode band
Weight:
0.21 g (approximately)
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
S5J S5K
S5A - S5M
Taiwan Semiconductor
5A, 50V - 1000V Surface Mount Rectifiers
FEATURES
Moisture sensitivity level: level 1, per J-STD-020


Similar Part No. - S5A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5A MCC-S5A Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Bytesonic Electronics C...
S5A BYTESONIC-S5A Datasheet
285Kb / 3P
   5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Shenzhen Taychipst Elec...
S5A TAYCHIPST-S5A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Nanjing International G...
S5A DGNJDZ-S5A Datasheet
165Kb / 2P
   5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Semikron International
S5A SEMIKRON-S5A Datasheet
113Kb / 2P
   Standard silicon rectifier diodes
More results

Similar Description - S5A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S5AC-K TSC-S5AC-K Datasheet
312Kb / 5P
   5A, 50V - 1000V Surface Mount Rectifier
S5AH TSC-S5AH Datasheet
569Kb / 6P
   5A, 50V - 1000V Surface Mount Rectifier
logo
Taiwan Memory Technolog...
S4A TMT-S4A_16 Datasheet
359Kb / 4P
   4A, 50V - 1000V Surface Mount Rectifiers
S3A TMT-S3A_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
S2AA TMT-S2AA_16 Datasheet
365Kb / 4P
   2A, 50V - 1000V Surface Mount Rectifiers
S1A TMT-S1A_16 Datasheet
364Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
S3AB TMT-S3AB_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
S1AB TMT-S1AB_16 Datasheet
189Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
S5GB TMT-S5GB_16 Datasheet
180Kb / 4P
   5A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
QG301B SECOS-QG301B Datasheet
145Kb / 2P
   VOLTAGE 50V ~ 1000V 3.0Amp Surface Mount Silicon Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com