Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS6P05G Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # TS6P05G
Description  6A, 50V - 1000V Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

TS6P05G Datasheet(HTML) 1 Page - Taiwan Memory Technology

  TS6P05G Datasheet HTML 1Page - Taiwan Memory Technology TS6P05G Datasheet HTML 2Page - Taiwan Memory Technology TS6P05G Datasheet HTML 3Page - Taiwan Memory Technology TS6P05G Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS6P01G - TS6P07G
CREAT BY ART
- Glass passivated junction
- Ideal for printed circuit board
- Typical IR less than 0.1μA
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
I
2tA2s
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1410101
Version: K15
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
PARAMETER
SYMBOL
TS6P
01G
TS6P
02G
Typical thermal resistance
1.8
Rating for fusing (t<8.3ms)
93
Maximum instantaneous forward voltage (Note 1)
@ 3 A
@ 6 A
TS6P
07G
IFSM
150
Maximum RMS voltage
Maximum reverse current @ rated VR
TJ=25°C
IR
10
500
μA
Maximum DC blocking voltage
Maximum average forward rectified current
6
TJ=125°C
VF
1.0
1.1
V
Weight:
7.15 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
UNIT
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
A
TS6P
03G
Maximum repetitive peak reverse voltage
Taiwan Semiconductor
6A, 50V - 1000V Glass Passivated Bridge Rectifiers
FEATURES
TS-6P
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Polarity:
Polarity as marked on the body
Mounting torque:
8.17 in-lbs maximum
TS6P
04G
TS6P
05G
TS6P
06G
MECHANICAL DATA
Case:
TS-6P
+
~
~ –


Similar Part No. - TS6P05G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS6P05G TSC-TS6P05G Datasheet
50Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
TS6P05G TSC-TS6P05G Datasheet
228Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
TS6P05G TSC-TS6P05G Datasheet
140Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6P05G TSC-TS6P05G Datasheet
240Kb / 4P
   Glass Passivated Bridge Rectifiers
TS6P05G-K TSC-TS6P05G-K Datasheet
313Kb / 6P
   6A, 50V - 1000V Glass Passivated Bridge Rectifier
More results

Similar Description - TS6P05G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D6JB05 SECOS-D6JB05 Datasheet
394Kb / 2P
   50V ~ 1000V, 6A Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS6B01G TSC-TS6B01G_16 Datasheet
194Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_16 Datasheet
209Kb / 4P
   6A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
TS6P01G-K TSC-TS6P01G-K Datasheet
313Kb / 6P
   6A, 50V - 1000V Glass Passivated Bridge Rectifier
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
   1A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G_16 Datasheet
207Kb / 4P
   15A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS25P04G-K TSC-TS25P04G-K_16 Datasheet
207Kb / 4P
   25A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS8P01G TMT-TS8P01G_16 Datasheet
341Kb / 4P
   8A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS20P01G TSC-TS20P01G_16 Datasheet
206Kb / 4P
   20A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com