Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG820 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG820
Description  0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG820 Datasheet(HTML) 5 Page - Analog Devices

  ADG820 Datasheet HTML 1Page - Analog Devices ADG820 Datasheet HTML 2Page - Analog Devices ADG820 Datasheet HTML 3Page - Analog Devices ADG820 Datasheet HTML 4Page - Analog Devices ADG820 Datasheet HTML 5Page - Analog Devices ADG820 Datasheet HTML 6Page - Analog Devices ADG820 Datasheet HTML 7Page - Analog Devices ADG820 Datasheet HTML 8Page - Analog Devices ADG820 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. 0
ADG819/ADG820
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although the ADG819/
ADG820 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
TERMINOLOGY
VDD
Most Positive Power Supply Potential
GND
Ground (0 V) Reference
IDD
Positive Supply Current
S
Source Terminal. May be an input or output.
DDrain Terminal. May be an input or output.
IN
Logic Control Input
RON
Ohmic Resistance between D and S
∆RON
ON Resistance Match between Any Two Channels, i.e., RON max – RON min
RFLAT(ON)
Flatness is defined as the difference between the maximum and minimum value of ON resistance as
measured over the specified analog signal range.
IS (OFF)
Source Leakage Current with the Switch OFF
ID, IS (ON)
Channel Leakage Current with the Switch ON
VD (VS)Analog Voltage on Terminals D, S
VINL
Maximum Input Voltage for Logic “0”
VINH
Minimum Input Voltage for Logic “1”
IINL(IINH)
Input Current of the Digital Input
CS (OFF)
OFF Switch Source Capacitance
CD, CS (ON)
ON Switch Capacitance
tON
Delay between applying the digital control input and the output switching ON.
tOFF
Delay between applying the digital control input and the output switching OFF.
tBBM
OFF time or ON time measured between the 90% points of both switches when switching
from one address state to another.
tMBB
ON time measured between the 80% points of both switches when switching from one
address state to another.
Charge Injection
A measure of the glitch impulse transferred from the digital input to the analog output during switching.
Crosstalk
A measure of unwanted signal coupled through from one channel to another as a result of parasitic
capacitance.
OFF Isolation
A measure of unwanted signal coupling through an OFF switch.
Bandwidth
Frequency at which the output is attenuated by –3 dB.
ON Response
Frequency Response of the ON Switch
Insertion Loss
Loss due to the ON Resistance of the Switch


Similar Part No. - ADG820

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG820BRM AD-ADG820BRM Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRT AD-ADG820BRT Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
More results

Similar Description - ADG820

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG779 AD-ADG779 Datasheet
385Kb / 8P
   CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV. 0
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com