Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG819BCB Datasheet(PDF) 6 Page - Analog Devices

Part # ADG819BCB
Description  0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG819BCB Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG819BCB Datasheet HTML 2Page - Analog Devices ADG819BCB Datasheet HTML 3Page - Analog Devices ADG819BCB Datasheet HTML 4Page - Analog Devices ADG819BCB Datasheet HTML 5Page - Analog Devices ADG819BCB Datasheet HTML 6Page - Analog Devices ADG819BCB Datasheet HTML 7Page - Analog Devices ADG819BCB Datasheet HTML 8Page - Analog Devices ADG819BCB Datasheet HTML 9Page - Analog Devices ADG819BCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. 0
ADG819/ADG820
–6–
–Typical Performance Characteristics
VD, VS – V
1.0
012345
0.8
0.6
0.4
0.2
0
0.9
0.7
0.5
0.3
0.1
TA = 25 C
VDD = 3V
VDD = 5.5V
VDD = 5V
VDD = 4.5V
VDD = 2.7V
VDD = 3.3V
TPC 1. ON Resistance vs. VD (VS)
VD, VS – V
10
0
0.2
0.6
1.0
1.2
1.6
8
6
4
2
0
9
7
5
3
1
TA = 25 C
VDD = 1.8V
0.4
0.8
1.4
1.8
TPC 2. ON Resistance vs. VD (VS)
TEMPERATURE – C
10
060
6
4
2
0
–2
20
40
100
120
80
8
IS (OFF)
ID, IS (ON)
VDD = 3V, 5V
TPC 3. Leakage Currents vs. Temperatures
VD, VS – V
1.0
0
1.5
0.8
0.6
0.4
0.2
0
VDD = 3V
0.5
1.0
2.5
3.0
TA = +85 C
TA = +125 C
TA = +25 C
TA = –40 C
2.0
TPC 4. ON Resistance vs. VD (VS) for Different Temperatures
VD, VS – V
1.0
03
0.8
0.6
0.4
0.2
0
VDD = 5V
12
45
TA = +85 C
TA = +125 C
TA = +25 C
TA = –40 C
TPC 5. ON Resistance vs. VD (VS) for Different Temperatures
TEMPERATURE – C
50
–40
20
40
30
20
10
0
–20
0
80
120
40
tON
60
100
tOFF
VDD = 3V, 5V
VDD = 5V
VDD = 3V
TPC 6. tON/tOFF Times vs. Temperature (ADG819)


Similar Part No. - ADG819BCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819BCB AD-ADG819BCB Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819BCBZ-REEL AD-ADG819BCBZ-REEL Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
ADG819BCBZ-REEL7 AD-ADG819BCBZ-REEL7 Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
More results

Similar Description - ADG819BCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG779 AD-ADG779 Datasheet
385Kb / 8P
   CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV. 0
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com