Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH3NPN3R3MMR Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH3NPN3R3MMR
Description  Inductance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH3NPN3R3MMR Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH3NPN3R3MMR Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH3NPN3R3MMR Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQH3NPN3R3MMR#
# indicates a package specification code.
< List of part numbers with package codes >
LQH3NPN3R3MMRE , LQH3NPN3R3MMRF
Shape
L size
3.0 ±0.2mm
W size
3.0 ±0.2mm
T size
1.4 ±0.1mm
Size code in inch (mm)
1212 (3030)
Specifications
Inductance
3.3µH ±20%
Inductance test frequency
1MHz
Rated current (Isat) (Based on Inductance change)
1200mA
Rated current (Itemp) (Based on Temperature rise)
1550mA
Max. of DC resistance
0.106Ω
Avg. of DC resistance
0.088Ω±20%
Self resonance frequency (min.)
70MHz
Operating temperature range (Self-temperature rise
is included)
-40∼125℃
Operating temperature range (Self-temperature rise
is not included)
-40∼85℃
Class of magnetic shield
Magnetic shield of magnetic
powder in resin
Notes
When applied Rated current to the Products, Inductance will be within ±30% of
nomonal Inductance value.
When applied Rated current to the Products, temperature rise caused by
self-generated heat shall be limited to 40℃ max.
Keep the temperature (ambient temperature plus self-generation of heat) under
125℃.
References
Packaging
code
Specifications
Minimum quantity
φ330mm Embossed taping
8000
φ180mm_Embossed taping
2000
Mass (Typ.)
1 piece
0.051g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/04/21


Similar Part No. - LQH3NPN3R3MMR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN3R3MM0 MURATA-LQH3NPN3R3MM0 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH3NPN3R3MM0L MURATA-LQH3NPN3R3MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN3R3MM0p MURATA-LQH3NPN3R3MM0p Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH3NP_M0 Series (1212 Size)
LQH3NPN3R3MME MURATA-LQH3NPN3R3MME Datasheet
91Kb / 2P
   Inductor Data Sheet
LQH3NPN3R3MMEL MURATA-LQH3NPN3R3MMEL Datasheet
91Kb / 2P
   Inductor Data Sheet
More results

Similar Description - LQH3NPN3R3MMR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com