Electronic Components Datasheet Search |
|
DF22C-4DS-7.92DS Datasheet(PDF) 1 Page - Hirose Electric |
|
DF22C-4DS-7.92DS Datasheet(HTML) 1 Page - Hirose Electric |
1 / 15 page NEW 1 7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed) DF22 Series 2004.5 sFeatures 1. 30 A maximum current Single position connector can carry current of 30 A with #10 AWG conductor. Please refer to Table #1 for current ratings for multi- position connectors using other conductor sizes. 2. Complete Locking Function Reliable interior lock protects mated connectors from accidental disconnection. 3. Prevention of Incorrect Connections To prevent incorrect connection when using multiple connectors having the same Number of contacts, 3 product types having different mating configurations are available. 4. Molded-in contact retention tabs Handling of terminated contacts during the crimping is easier and avoids entangling of wires, since there are no protruding metal tabs. 5. Prevention of incorrect board placement Built-in posts assure correct connector placement and orientation on the board. 6. Supports encapsulation Connectors can be encapsulated up to 10 mm without affecting the performance. 7. Prevention of Short Circuits Between Adjacent Contacts Each Contact is completely surrounded by the insulator housing electrically isolating it from adjacent contacts. 8. Increased Retention Force of Crimped Contacts and confirmation of complete contact insertion Separate contact retainers are provided for applications where extreme pull-out forces may be applied against the wire or when a visual confirmation of the full contact insertion is required. 9. Full Line of Crimp Socket Contacts Realizing the market needs for multitude of different applications, Hirose has developed several variants of crimp socket contacts and housings. Continuous development is adding different variations. Contact your nearest Hirose Electric representative for latest developments. 10. In-line Connections Connectors can be ordered for in-line cable connections. In addition, assemblies can be placed next to each other allowing 4 position total (2 ∞ 2) in a small space. 11. Listed by UL, C-UL, and TÜV. sApplications Office equipment, power supplies for industrial, medical and instrumentation applications, variety of consumer electronic, and electrical applications. Prevention of Incorrect Connections Complete Locking Function qR Type (Guide key: right side, Color: black) qStandard Type (Guide key: inside, Color: natural) qL Type (Guide key: left side, Color: red) *The photographs on the left show header (the board dip side), the photographs on the right show the socket (cable side). *The guide key position is indicated in position facing the mating surface of the header. Completely enclosed locking system Protection from shorts circuits between adjacent Contacts |
Similar Part No. - DF22C-4DS-7.92DS |
|
Similar Description - DF22C-4DS-7.92DS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |