Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ-039BH Datasheet(PDF) 2 Page - CUI INC

Part # PJ-039BH
Description  DC POWER JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-039BH Datasheet(HTML) 2 Page - CUI INC

  PJ-039BH Datasheet HTML 1Page - CUI INC PJ-039BH Datasheet HTML 2Page - CUI INC PJ-039BH Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: PJ-039BH │ DESCRIPTION: DC POWER JACK
date 04/08/2016
│ page 2 of 3
3
2
1
23.0 0.906
0.709
0.354
6.40 0.252
0.063
(2 PLCS)
1.60
18.0
9.0
2.50 0.098
3.00.118
0.193
4.9
0.055
1.4
0.059
1.5
5.8 0.228
1
3
2
1.00X3.50
(3 PLCS)
PCB LAYOUT
TOP VIEW
1.50.059
0.055
1.4
4.90.193
0.114
4.50 0.177
0.028
2.90
0.70
(2 PLCS)
2.80 0.110
0.118
0.173
0.3 (3 PLCS)
4.40
3.0
5.80.228
3
2
1
0.236
6.00
0.472
12.0
0.535
13.6
2.00 0.079
11.5 0.452
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
copper
nickel
terminal 1
brass
silver
terminal 2
copper alloy
silver
terminal 3
brass
silver
plastic
PBT
units: mm[inches]
tolerance:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
Model
PJ-039BH
Center Pin
Ø2.5 mm
MATING PLUG
Jack Insertion Depth: 9.0 mm
For more information, please visit the product page
|
For information on related products, view External Power Supplies


Similar Part No. - PJ-039BH

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-039B CUI-PJ-039B Datasheet
342Kb / 3P
   DC POWER JACK
More results

Similar Description - PJ-039BH

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-032BH CUI-PJ-032BH Datasheet
154Kb / 3P
   DC POWER JACK
logo
Adam Technologies, Inc.
ADC-H-026-X ADAM-TECH-ADC-H-026-X Datasheet
87Kb / 1P
   DC POWER JACK
ADC-37A-X ADAM-TECH-ADC-37A-X Datasheet
83Kb / 1P
   DC POWER JACK
ADC-055-9-HT ADAM-TECH-ADC-055-9-HT Datasheet
79Kb / 1P
   DC POWER JACK
ADC-086-X ADAM-TECH-ADC-086-X Datasheet
106Kb / 1P
   DC POWER JACK
logo
CUI INC
PJ1-023 CUI-PJ1-023 Datasheet
245Kb / 3P
   DC POWER JACK
PJ-003A CUI-PJ-003A Datasheet
331Kb / 3P
   DC POWER JACK
PJ-006B CUI-PJ-006B Datasheet
60Kb / 1P
   DC POWER JACK
PJ-029C CUI-PJ-029C Datasheet
271Kb / 3P
   DC POWER JACK
PJ-014CH-SMT CUI-PJ-014CH-SMT Datasheet
128Kb / 3P
   DC POWER JACK
PJ-028-SMT CUI-PJ-028-SMT Datasheet
155Kb / 3P
   DC POWER JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com