Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ-041-SMT Datasheet(PDF) 2 Page - CUI INC

Part # PJ-041-SMT
Description  DC POWER JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-041-SMT Datasheet(HTML) 2 Page - CUI INC

  PJ-041-SMT Datasheet HTML 1Page - CUI INC PJ-041-SMT Datasheet HTML 2Page - CUI INC PJ-041-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: PJ-041-SMT │ DESCRIPTION: DC POWER JACK
date 04/14/2016
│ page 2 of 3
PCB LAYOUT
TOP VIEW
3
2
1
5.00 0.197
3.00 0.118
1.30 0.051
2.60 0.102
3.80 0.150
0.65 0.026
1.2 0.047
(2 PLCS)
2.50 0.098
4.1 0.161
1.50 0.059
8.0 0.315
1.4 0.055
0.70 0.028
1.2 0.047
+0.00
-0.10
0.10 0.004
0.07
6.00 0.236
2.5 0.098
(2 PLCS)
8.0 0.315
6.00 0.236
2.5 0.098
(2 PLCS)
4.1 0.161
1.3 0.051
+0.10
-0.00
1.50X0.70
(2 PLCS)
1.90X2.00
3
2
1
1.00 0.039
(3 PLCS)
1
2
3
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
copper
nickel
terminal 1
brass
silver
terminal 2
copper alloy
silver
terminal 3
copper alloy
silver
plastic
PA6T
units: mm[inches]
tolerance:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
SCHEMATIC
Model
PJ-041-SMT
Center Pin
Ø0.65 mm
Note:
All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
MATING PLUG
Jack Insertion Depth: 7.7mm
For more information, please visit the product page
|
For information on related products, view External Power Supplies


Similar Part No. - PJ-041-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-041-SMT-TR CUI-PJ-041-SMT-TR Datasheet
443Kb / 4P
   DC POWER JACK
More results

Similar Description - PJ-041-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-032BH CUI-PJ-032BH Datasheet
154Kb / 3P
   DC POWER JACK
logo
Adam Technologies, Inc.
ADC-H-026-X ADAM-TECH-ADC-H-026-X Datasheet
87Kb / 1P
   DC POWER JACK
ADC-37A-X ADAM-TECH-ADC-37A-X Datasheet
83Kb / 1P
   DC POWER JACK
ADC-055-9-HT ADAM-TECH-ADC-055-9-HT Datasheet
79Kb / 1P
   DC POWER JACK
ADC-086-X ADAM-TECH-ADC-086-X Datasheet
106Kb / 1P
   DC POWER JACK
logo
CUI INC
PJ1-023 CUI-PJ1-023 Datasheet
245Kb / 3P
   DC POWER JACK
PJ-003A CUI-PJ-003A Datasheet
331Kb / 3P
   DC POWER JACK
PJ-006B CUI-PJ-006B Datasheet
60Kb / 1P
   DC POWER JACK
PJ-029C CUI-PJ-029C Datasheet
271Kb / 3P
   DC POWER JACK
PJ-014CH-SMT CUI-PJ-014CH-SMT Datasheet
128Kb / 3P
   DC POWER JACK
PJ-028-SMT CUI-PJ-028-SMT Datasheet
155Kb / 3P
   DC POWER JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com