Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3390 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SK3390
Description  Silicon N Channel MOS FET UHF Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3390 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SK3390 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3390 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3390 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3390 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3390 Datasheet HTML 5Page - Hitachi Semiconductor 2SK3390 Datasheet HTML 6Page - Hitachi Semiconductor 2SK3390 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SK3390
Rev.0, Aug. 2001, page 5 of 7
1
3
10
30
1
0.3
10
0.1
3
Reverse Transfer Capacitance vs.
Drain to Gate Votage
Drain to Gate Voltege V
(V)
DG
0.1
0.3
V
= 0
f = 1 MHz
GS
0
200
150
100
50
V
= 13.7 V
I
= 0.25 A
f = 836 MHz
DS
DO
10
8
4
2
0
0
100
60
40
20
Input power Pin (mW)
Output Power, Added Efficiency vs.
Input Power
Pout
6
80
250
add
η


Similar Part No. - 2SK3390

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3390 RENESAS-2SK3390 Datasheet
180Kb / 12P
   Silicon N-Channel MOS FET UHF Power Amplifier
Nov 08, 2007
2SK3390IXTB-E RENESAS-2SK3390IXTB-E Datasheet
180Kb / 12P
   Silicon N-Channel MOS FET UHF Power Amplifier
Nov 08, 2007
More results

Similar Description - 2SK3390

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK2596 RENESAS-2SK2596_07 Datasheet
145Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK3390 RENESAS-2SK3390 Datasheet
180Kb / 12P
   Silicon N-Channel MOS FET UHF Power Amplifier
Nov 08, 2007
logo
Hitachi Semiconductor
2SK3175A HITACHI-2SK3175A Datasheet
79Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391_07 Datasheet
150Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK2922 HITACHI-2SK2922 Datasheet
36Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
2SK2795 HITACHI-2SK2795 Datasheet
40Kb / 6P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2595 RENESAS-2SK2595 Datasheet
115Kb / 14P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK3174A HITACHI-2SK3174A Datasheet
81Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391 Datasheet
62Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
Rev.2.00, Apr.14.2004,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com