Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKD61BJB Datasheet(PDF) 5 Page - TDK Electronics

Part # CKD61BJB
Description  Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKD61BJB Datasheet(HTML) 5 Page - TDK Electronics

  CKD61BJB Datasheet HTML 1Page - TDK Electronics CKD61BJB Datasheet HTML 2Page - TDK Electronics CKD61BJB Datasheet HTML 3Page - TDK Electronics CKD61BJB Datasheet HTML 4Page - TDK Electronics CKD61BJB Datasheet HTML 5Page - TDK Electronics CKD61BJB Datasheet HTML 6Page - TDK Electronics CKD61BJB Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
001-01 / 20140110 / e4161_ckd.fm
All specifications are subject to change without notice.
(5/7)
SHAPES AND DIMENSIONS
RECOMMENDED LAND PATTERN
* Make sure to connect the GND terminal of this product and the GND of the mounting circuit board by using through holes so that the distance between
them is the shortest.
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
: Please specify packing style code, A (ø178 reel 4mm-pitch) or D (ø330 reel 4mm-pitch).
ELECTRICAL CHARACTERISTICS GRAPH (EXAMPLE)
INSERTION LOSS vs. FREQUENCY CHARACTERISTICS
CKD Series CKD610JB Type
Part No.
Capacitance
(µF)
Tolerance
(%)
Rated voltage
Edc
(V)
Rated current
Idc
(A)
Operating
temperature range
(°C)
CKD610JB0J475M060
A
4.7
±20
6.3
2
–55 to +85
CKD610JB0J475S060
A
4.7
+50/–20
6.3
2
–55 to +85
0.40±0.10
1.60±0.10
0.1min.
2
GND
GND
4
1
IN/OUT
3
OUT/IN
1.00
0.60
0.40
Land pattern+Solder resist
Land pattern
Dimensions in mm
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
1000
10000
Frequency(MHz)


Similar Part No. - CKD61BJB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKD61BJB TDK-CKD61BJB Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD61BJB TDK-CKD61BJB Datasheet
895Kb / 7P
   Multilayer Ceramic Chip Capacitors
CKD61BJB0J100S(030A) TDK-CKD61BJB0J100S(030A) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD61BJB0J100S(030B) TDK-CKD61BJB0J100S(030B) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD61BJB0J100S(030C) TDK-CKD61BJB0J100S(030C) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKD61BJB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
YFF21PC1A105M TDK-YFF21PC1A105M Datasheet
841Kb / 7P
   Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
logo
List of Unclassifed Man...
CTH ETC-CTH Datasheet
98Kb / 1P
   CHIP TYPE FEED THROUGH CAPACITORS
logo
TDK Electronics
C-SERIES TDK-C-SERIES Datasheet
1Mb / 57P
   MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
March 2023
logo
Vishay Siliconix
DDLK0307 VISHAY-DDLK0307 Datasheet
98Kb / 2P
   Ceramic Singlelayer Feed-Through Capacitors 400VDC
Revision: 31-May-05
DDMZ0315 VISHAY-DDMZ0315_08 Datasheet
102Kb / 2P
   Ceramic Singlelayer Feed-Through Capacitors 400VDC
Revision: 31-May-05
logo
Weidmuller
1028400000 WEIDMULLER-1028400000 Datasheet
391Kb / 9P
   Bolt-type screw terminals, Feed-through terminal
October 6, 2021
logo
TDK Electronics
C0402C0G1C2R2CT TDK-C0402C0G1C2R2CT Datasheet
577Kb / 34P
   Chip type multilayer ceramic capacitors
logo
Vaishali Semiconductor
DDML0312 VAISH-DDML0312 Datasheet
87Kb / 1P
   Ceramic Singlelayer Feed-Through Capacitors 400VDC
logo
Vishay Siliconix
DVZL0425 VISHAY-DVZL0425 Datasheet
95Kb / 2P
   Ceramic Singlelayer Feed-Through Capacitors 400VDC
Revision: 23-May-05
DDMZ0315 VISHAY-DDMZ0315 Datasheet
83Kb / 1P
   Ceramic Singlelayer Feed-Through Capacitors 400VDC
Revision 04-Sep-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com