Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41791A7108Q001 Datasheet(PDF) 7 Page - TDK Electronics

Part # B41791A7108Q001
Description  Axial-lead and soldering star capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41791A7108Q001 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B41791A7108Q001 Datasheet HTML 3Page - TDK Electronics B41791A7108Q001 Datasheet HTML 4Page - TDK Electronics B41791A7108Q001 Datasheet HTML 5Page - TDK Electronics B41791A7108Q001 Datasheet HTML 6Page - TDK Electronics B41791A7108Q001 Datasheet HTML 7Page - TDK Electronics B41791A7108Q001 Datasheet HTML 8Page - TDK Electronics B41791A7108Q001 Datasheet HTML 9Page - TDK Electronics B41791A7108Q001 Datasheet HTML 10Page - TDK Electronics B41791A7108Q001 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Case dimensions and ordering codes
VR
V DC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Ordering code
Axial pallet
Ordering code
Axial reel
Ordering code
Soldering star
25
330
12
× 30
B41691A5337Q001 B41691A5337Q003 B41791A5337Q001
470
14
× 25
B41691A5477Q001 B41691A5477Q003 B41791A5477Q001
1000
16
× 30
B41691A5108Q001 B41691A5108Q003 B41791A5108Q001
1000
18
× 25
B41691B5108Q001
B41791B5108Q001
1500
16
× 39
B41691A5158Q001
B41791A5158Q001
1500
18
× 30
B41691B5158Q001
B41791B5158Q001
1800
20
× 29
B41691A5188Q001
2000
18
× 39
B41691A5208Q001
B41791A5208Q001
3000
21
× 39
B41691A5308Q001
B41791A5308Q001
4000
21
× 49
B41691A5408Q001
B41791A5408Q001
40
330
12
× 30
B41691A7337Q001 B41691A7337Q003 B41791A7337Q001
470
14
× 30
B41691A7477Q001 B41691A7477Q003 B41791A7477Q001
680
16
× 30
B41691A7687Q001 B41691A7687Q003 B41791A7687Q001
680
18
× 25
B41691B7687Q001
B41791B7687Q001
820
16
× 35
B41691A7827Q001
B41791A7827Q001
1000
16
× 39
B41691A7108Q001
B41791A7108Q001
1000
18
× 30
B41691B7108Q001
B41791B7108Q001
1200
20
× 29
B41691A7128Q001
1500
18
× 39
B41691A7158Q001
B41791A7158Q001
2200
21
× 39
B41691A7228Q001
B41791A7228Q001
2700
21
× 49
B41691A7278Q001
B41791A7278Q001
63
100
12
× 30
B41691A8107Q001 B41691A8107Q003 B41791A8107Q001
150
14
× 25
B41691A8157Q001 B41691A8157Q003 B41791A8157Q001
220
14
× 30
B41691A8227Q001 B41691A8227Q003 B41791A8227Q001
330
18
× 25
B41691B8337Q001
B41791B8337Q001
470
16
× 39
B41691A8477Q001
B41791A8477Q001
470
18
× 30
B41691B8477Q001
B41791B8477Q001
560
20
× 29
B41691A8567Q001
680
18
× 39
B41691A8687Q001
B41791A8687Q001
1000
21
× 39
B41691A8108Q001
B41791A8108Q001
1200
21
× 49
B41691A8128Q001
B41791A8128Q001
B41691, B41791
Low ESR
up to 150
°C
Page 7 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41791A7108Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41791A7108Q001 TDK-B41791A7108Q001 Datasheet
614Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41791A7108Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41694 EPCOS-B41694 Datasheet
158Kb / 8P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
   Axial-lead and soldering star capacitors
B41789K7208Q001 TDK-B41789K7208Q001 Datasheet
407Kb / 19P
   Axial-lead and soldering star capacitors
logo
EPCOS
B41692 EPCOS-B41692 Datasheet
553Kb / 16P
   Axial-lead and soldering star capacitors
B41693 EPCOS-B41693 Datasheet
183Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B41695 EPCOS-B41695 Datasheet
182Kb / 10P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41790A5109Q001 TDK-B41790A5109Q001 Datasheet
456Kb / 18P
   Axial-lead and soldering star capacitors
logo
EPCOS
B43693 EPCOS-B43693 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com