Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD24-14-500W(A) Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # LD24-14-500W(A)
Description  Constant Current Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LD24-14-500W(A) Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  LD24-14-500W(A) Datasheet HTML 1Page - MicroPower Direct, LLC LD24-14-500W(A) Datasheet HTML 2Page - MicroPower Direct, LLC LD24-14-500W(A) Datasheet HTML 3Page - MicroPower Direct, LLC LD24-14-500W(A) Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin 1 is marked by a “dot” or indentation on the top of the unit
Pin Connections
Pin
Color
LD24-xx-xxxW
Pin
Color
LD24-xx-xxxWA
1
Black
-VIN
-DC Supply
1
Black
-VIN
-DC Supply
2
White
No Wire
2
White
VADJ
PWM, On/Off
8
Blue
-LED LED Cathode Conn.
8
Blue
-LED LED Cathode Conn.
9
Yellow
+LED
LED Anode Conn.
9
Yellow
+LED
LED Anode Conn.
16
Red
+VIN
+DC Supply
16
Red
+VIN
+DC Supply
Mechanical Dimensions
Analog Output Current Control
The output current of the unit can also be set by
adjusting the voltage level on the VADJ input to a
value between 0.3V to 1.25V (IOUT will vary from
25% to 100% of rated output current). Care must
be taken not to exceed 1.25V on this input, or
the driver may be damaged.
A simple analog circuit using two low cost,
switching regulators is shown at left. Work-
ing from inputs that can range from 15 to 32
VDC,the top regulator (SR1) keeps the input to
the LED driver at 12 VDC.
The other regulator (SR2), driven off the same
input line maintains the control voltage (for the
VADJ input) at 5 VDC. The resister network of R1
and R2 can now be used to set the output cur-
rent level of the LED driver. This level is equal to:
V
RR
R
XV
12
2
ADJ
CTRL
=
+
In the second circuit, the 5 VDC regulator (SR2) is
replaced by the shunt regulator (D1) circuit con-
nected in parallel with the resistor network. The
regulator will maintain the voltage across R2 and
R3 at 2.5 VDC, insuring that the 1.25 VDC limit
on the VADJ pin will not be exceeded. This circuit
will work for inputs between 7VDC and 30 VDC.
When using the analog control input, the nominal
output current is equal to:
.
II
x
V
125
NOM
MAX
ADJ
=
The VADJ input should be left open if not used.
Grounding VADJ will shut the unit down. Connect-
ing VADJ to directly to +VIN may damage the unit.
Analog Output Current Control (7 - 30 VDC IN)


Similar Part No. - LD24-14-500W(A)

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LD24-14-500W(A) MPD-LD24-14-500W(A) Datasheet
614Kb / 4P
   Compact, Wired Constant Current DC/DC LED Drivers
More results

Similar Description - LD24-14-500W(A)

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
   Constant Current Output
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
   Constant Current Output
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
   Constant Current Output
LDM12-04-300 MPD-LDM12-04-300 Datasheet
590Kb / 4P
   Constant Current Output
LDB24-07-150 MPD-LDB24-07-150 Datasheet
325Kb / 2P
   Constant Current Output
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
LDU56 XPPOWER-LDU56 Datasheet
85Kb / 2P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
   Constant Current Output
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com